Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN2540N8 Datasheet(PDF) 2 Page - Supertex, Inc

Part # TN2540N8
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN2540N8 Datasheet(HTML) 2 Page - Supertex, Inc

  TN2540N8 Datasheet HTML 1Page - Supertex, Inc TN2540N8 Datasheet HTML 2Page - Supertex, Inc TN2540N8 Datasheet HTML 3Page - Supertex, Inc TN2540N8 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
TN2540
90%
10%
90%
90%
10%
10%
PULSE
GENERATOR
V
DD
R
L
OUTPUT
D.U.T.
t
(ON)
t
d(ON)
t
(OFF)
t
d(OFF)
t
F
t
r
INPUT
INPUT
OUTPUT
10V
V
DD
R
gen
0V
0V
Symbol
Parameter
Min
Typ
Max
Unit
Conditions
BV
DSS
400
V
V
GS = 0V, ID = 100µA
VGS(th)
Gate Threshold Voltage
0.6
2.0
V
VGS = VDS, ID= 1mA
∆VGS(th)
Change in V
GS(th) with Temperature
-2.5
-4.0
mV/°CVGS = VDS, ID= 1mA
IGSS
Gate Body Leakage
100
nA
VGS = ± 20V, VDS = 0V
IDSS
Zero Gate Voltage Drain Current
10
µAVGS = 0V, VDS = Max Rating
1.0
mA
V
GS = 0V, VDS = 0.8 Max Rating
TA = 125°C
I
D(ON)
ON-State Drain Current
0.3
0.5
V
GS = 4.5V, VDS = 25V
0.75
1.0
VGS = 10V, VDS = 25V
RDS(ON)
8.0
12
VGS = 4.5V, ID = 150mA
8.0
12
V
GS = 10V, ID = 500mA
∆RDS(ON)
Change in RDS(ON) with Temperature
0.75
%/°CVGS = 10V, ID = 500mA
G
FS
Forward Transconductance
125
200
m
V
DS = 25V, ID = 100mA
C
ISS
Input Capacitance
95
125
COSS
Common Source Output Capacitance
20
70
pF
C
RSS
Reverse Transfer Capacitance
10
25
t
d(ON)
Turn-ON Delay Time
20
tr
Rise Time
15
t
d(OFF)
Turn-OFF Delay Time
25
t
f
Fall Time
20
VSD
Diode Forward Voltage Drop
1.8
V
VGS = 0V, ISD = 200mA
t
rr
Reverse Recovery Time
300
ns
V
GS = 0V, ISD = 1A
Notes:
1. All D.C. parameters 100% tested at 25°C unless otherwise stated. (Pulse test: 300µs pulse, 2% duty cycle.)
2. All A.C. parameters sample tested.
A
Thermal Characteristics
Switching Waveforms and Test Circuit
Drain-to-Source
Breakdown Voltage
V
GS = 0V, VDS = 25V
f = 1 MHz
VDD = 25V,
I
D = 1A,
RGEN = 25Ω
ns
Static Drain-to-Source
ON-State Resistance
Package
I
D (continuous)*
I
D (pulsed)
Power Dissipation
θjc
θja
I
DR*IDRM
@ TA = 25°C
°C/W
°C/W
TO-92
175mA
2.0A
1.0W
125
170
175mA
2.0A
TO-243AA
260mA
1.8A
1.6W†
15
78†
260mA
1.8A
* I
D (continuous) is limited by max rated Tj.
† Mounted on FR5 board, 25mm x 25mm x 1.57mm. Significant P
D increase possible on ceramic substrate.
Electrical Characteristics (@ 25°C unless otherwise specified)
Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com