Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN2540N8 Datasheet(PDF) 4 Page - Supertex, Inc

Part # TN2540N8
Description  N-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TN2540N8 Datasheet(HTML) 4 Page - Supertex, Inc

  TN2540N8 Datasheet HTML 1Page - Supertex, Inc TN2540N8 Datasheet HTML 2Page - Supertex, Inc TN2540N8 Datasheet HTML 3Page - Supertex, Inc TN2540N8 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
11/12/01
©2001 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
Typical Performance Curves
Gate Drive Dynamic Characteristics
Q (nanocoulombs)
G
Tj
V
DS
(th) and R
Variation with Temperature
C)
°
(
On-Resistance vs. Drain Current
(amperes)
D
Variation with Temperature
DSS
C)
°
(
Tj
Transfer Characteristics
VGS (volts)
Capacitance vs. Drain-to-Source Voltage
200
VDS (volts)
I
BV
010
203040
100
02468
10
1.5
1.2
0.9
0.6
0.3
-50
0
50
100
150
1.1
1.0
0.9
50
40
30
20
10
0
1.4
1.2
1.0
0.8
0.6
2.5
2.0
1.5
1.0
0.5
0
10
8
6
4
2
0
0.4
0.8
1.2
1.6
2.0
-50
0
50
100
150
VDS = 40V
V
95pF
DS = 10V
VGS = 4.5V
VGS = 10V
T = -55
A
C
°
VDS = 25V
25°C
125°C
0
0.4
0.8
1.2
2.0
1.6
f = 1MHz
CISS
COSS
CRSS
260 pF
(th)
V
@ 1mA
R
@ 10V, 0.5A
DS(ON)
0
150
50
0
TN2540



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com