Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2435 Datasheet(PDF) 3 Page - Supertex, Inc

Part # TP2435
Description  P-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP2435 Datasheet(HTML) 3 Page - Supertex, Inc

  TP2435 Datasheet HTML 1Page - Supertex, Inc TP2435 Datasheet HTML 2Page - Supertex, Inc TP2435 Datasheet HTML 3Page - Supertex, Inc TP2435 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
TP2435
VDS (Volts)
Output Characteristics
Saturation Characteristics
VDS (Volts)
ID (Milliamperes)
Transconductance vs. Drain Current
Power Dissipation vs. Ambient Temperature
TA (¡C)
Maximum Rated Safe Operating Area
VDS (Volts)
Thermal Response Characteristics
tp (seconds)
-1
-1000
-100
-10
TO-243AA (Pulsed)
TA=25¡C
-0.001
-0.01
-0.1
-1.0
TO-243AA (DC)
1.0
0.8
0.6
0.4
0.2
0
0.001
10
0.01
0.1
1
TO-243AA
TA =25°C
PD = 1.6W
VGS = -10V
VGS=-3V
VGS=-3.5V
VGS=-4.5V
VGS=-6V
VGS=-10V
-4.5V
-6.0V
025
5075
100
125
150
0.0
0.4
0.8
1.2
1.6
2.0
TO-243AA
0
-10
-20
-30
-40
-0.0
-0.3
-0.6
-0.9
-1.2
-1.5
-1.8
0
-100
-200
-300
-400
-500
0.0
0.2
0.4
0.6
0.8
1.0
TA=25¡C
TA=125¡C
VDS=-15V
TA=-55¡C
0-2
-4
-6-8
-10
-0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-3.0V
-3.5V
Typical Performance Curves



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com