Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2435 Datasheet(PDF) 4 Page - Supertex, Inc

Part # TP2435
Description  P-Channel Enhancement-Mode Vertical DMOS FETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TP2435 Datasheet(HTML) 4 Page - Supertex, Inc

  TP2435 Datasheet HTML 1Page - Supertex, Inc TP2435 Datasheet HTML 2Page - Supertex, Inc TP2435 Datasheet HTML 3Page - Supertex, Inc TP2435 Datasheet HTML 4Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
1235 Bordeaux Drive, Sunnyvale, CA 94089
TEL: (408) 744-0100 • FAX: (408) 222-4895
www.supertex.com
11/12/01
©2001 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
TP2435
Typical Performance Curves
ID (Amperes)
On Resistance vs. Drain Current
VGS(TH) and RDS(ON) w/ Temperature
TJ (¡C)
Transfer Characteristics
VGS (Volts)
-50
0
50
100
150
0.8
0.9
1.0
1.1
1.2
BV @ -250µA
0.0
-0.3
-0.6
-0.9
-1.2
-1.5
-1.8
0
10
20
30
40
50
0.0
-1.0
-2.0
-3.0
-4.0
0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
VDS = -15V
TA = -55¡C
TA = 125¡C
TA = 25¡C
-50
0
50
100
150
0.7
0.8
0.9
1.0
1.1
1.2
0.4
0.8
1.2
1.6
2.0
2.4
RDS(ON) @ -10V, -0.5A
VGS(th) @ -1mA
0
-10
-20
-30
-40
0
100
200
300
400
CRSS
COSS
CISS
f= 1MHz
01234567
0
-2
-4
-6
-8
-10
ID = -500mA
VDS=-20V
VDS=-40V
TJ (¡C)
BVDSS Variation with Temperature
Capacitance vs. Drain Source Voltage
VDS (Volts)
Gate Drive Dynamic Characteristics
Q (nanocoulombs)
G
VGS = -10V
VGS = -4.5V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com