Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD968 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD968
Description  Silicon NPN epitaxial planer type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD968 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD968 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD968 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
Silicon NPN epitaxial planer type
2SD968, 2SD968A
Features
High collector to emitter voltage VCEO.
Large collector power dissipation PC.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector to base voltage
2SD968
100
V
2SD968A
120
V
Collector to emitter voltage
2SD968
100
V
2SD968A
120
V
Emitter to base voltage
VEBO
5V
Peak collector current
ICP
1A
Collector current
IC
0.5
A
Collector power dissipation
PC *1
W
Junction temperature
Tj
150
Storage temperature
Tstg
-55to150
* Printed circuit board: Copper foil area of 1cm
2 or more, and the board thickness of 1.7mm
for the collector portion
VCBO
VCEO


Similar Part No. - 2SD968

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD968 PANASONIC-2SD968 Datasheet
38Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency driver amplification)
2SD968 PANASONIC-2SD968 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency driver amplification)
2SD968A PANASONIC-2SD968A Datasheet
38Kb / 2P
Silicon PNP epitaxial planer type(For low-frequency driver amplification)
2SD968A PANASONIC-2SD968A Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(For low-frequency driver amplification)
2SD968A PANASONIC-2SD968A Datasheet
72Kb / 3P
For Low-Frequency Driver Amplification
More results

Similar Description - 2SD968

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC1980 PANASONIC-2SC1980 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SC4656 PANASONIC-2SC4656 Datasheet
35Kb / 2P
Silicon NPN epitaxial planer type
2SD1820A PANASONIC-2SD1820A Datasheet
60Kb / 2P
Silicon NPN epitaxial planer type
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
UN921MJ PANASONIC-UN921MJ Datasheet
315Kb / 18P
Silicon NPN epitaxial planer type
2SC1215 PANASONIC-2SC1215 Datasheet
62Kb / 3P
Silicon NPN epitaxial planer type
logo
Guangdong Kexin Industr...
BF620 KEXIN-BF620 Datasheet
52Kb / 2P
Silicon NPN epitaxial planer type
2SD2459 KEXIN-2SD2459 Datasheet
51Kb / 2P
Silicon NPN epitaxial planer type
2SD601A KEXIN-2SD601A Datasheet
38Kb / 1P
Silicon NPN Epitaxial Planer Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com