Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD968 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD968
Description  Silicon NPN epitaxial planer type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD968 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD968 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD968 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SMD Type
Transistors
www.kexin.com.cn
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Collector to emitter voltage 2SD968
VCEO
IC =100ìA, IB = 0
100
V
2SD968A
VCEO
IC =100ìA, IB = 0
120
V
Emitter to base voltage
VEBO
IE =10ìA, IC =0
5
V
VCE = 10V, IC = 150mA*
90
220
VCE =5V, IC = 500mA*
50
100
Collector to emitter saturation voltage
VCE(sat)
IC =500mA, IB = 50mA*
0.2
0.6
V
Base to emitter saturation voltage
VBE(sat)
IC =500mA, IB = 50mA*
0.85
1.2
V
Transition frequency
fT
VCB = 10V, IE = -50mA, f = 200MHz
120
MHz
Collector output capacitance
Cob
VCB = 10V, IE = 0, f = 1MHz
11
20
pF
* Pulse measurement
hFE
Forward current transfer ratio
hFE Classification
2SD968
WQ
WR
2SD968A
VQ
VR
QR
90
155
130
220
Marking
Symbol
Rank
hFE
2SD968, 2SD968A



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com