Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAS29 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KAS29
Description  General Purpose Controlled Avalanche Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KAS29 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KAS29 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KAS29 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KAS29 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KAS29 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Type
Diodes
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
www.kexin.com.cn
1
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Repetitive peak reverse voltage
VRRM
110
V
Continuous reverse voltage
VR
90
V
Continuous forward current* 1
single diode loaded;
250
double diode loaded;
150
Repetitive peak forward current
IFRM
600
mA
Non-repetitive peak forward current square wave; Tj = 25
prior to surge;
t = 1
s
10
A
t = 100
s
4A
t = 1 s
0.75
A
Total power dissipation Ta = 25
*1
Ptot
250
mW
Repetitive peak reverse current
IRRM
600
mA
Repetitive peak reverse energy *2
ERRM
5mJ
Thermal resistance from junction to tie-point
Rth j-tp
360
K/W
Thermal resistance from junction to ambient * 1
Rth j-a
500
K/W
Junction temperature
Tj
150
Storage temperature
Tstg
-65 to +150
*1 Device mounted on an FR4 printed-circuit board.
*2 tp
50
s; f
20 Hz; Tj = 25
IF
mA
IFSM
General Purpose Controlled Avalanche Diodes
KAS29/KAS31/KAS35
(BAS29/BAS31/BAS35)
Features
Small plastic SMD package
General application
KAS29
KAS31
KAS35


Similar Part No. - KAS29

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KAS20W KEXIN-KAS20W Datasheet
51Kb / 1P
Surface Mount Fast Switching Diode Array
KAS21 KEXIN-KAS21 Datasheet
41Kb / 1P
Surface Mount Switching Diodes
logo
E-SWITCH
KAS2102ET E-SWITCH-KAS2102ET Datasheet
147Kb / 2P
SLIDE DIP SWITCHES
KAS2102RT E-SWITCH-KAS2102RT Datasheet
147Kb / 2P
SLIDE DIP SWITCHES
KAS2103ET E-SWITCH-KAS2103ET Datasheet
147Kb / 2P
SLIDE DIP SWITCHES
More results

Similar Description - KAS29

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS29 PHILIPS-BAS29 Datasheet
90Kb / 12P
General purpose controlled avalanche double diodes
1999 May 21
BYD17 PHILIPS-BYD17 Datasheet
54Kb / 8P
General purpose controlled avalanche rectifiers
1999 Nov 11
BAS29 NXP-BAS29 Datasheet
138Kb / 9P
General purpose controlled avalanche (double) diodes
2003 Mar 20
logo
EIC discrete Semiconduc...
BAX12 EIC-BAX12 Datasheet
116Kb / 2P
CONTROLLED AVALANCHE DIODES
BYD17D EIC-BYD17D Datasheet
117Kb / 2P
GENERAL PURPOSE CONTROLLED AVALANCHE RECTIFIERS
BYD17DA EIC-BYD17DA Datasheet
108Kb / 2P
GENERAL PURPOSE CONTROLLED AVALANCHE RECTIFIERS
logo
NXP Semiconductors
BAS29_31_35 PHILIPS-BAS29_31_35_15 Datasheet
138Kb / 9P
General purpose controlled avalanche (double) diodes
2003 Mar 20
logo
SUNMATE electronic Co.,...
BAX12A SUNMATE-BAX12A Datasheet
485Kb / 2P
CONTROLLED AVALANCHE DIODES
logo
EIC discrete Semiconduc...
BYM56A EIC-BYM56A Datasheet
177Kb / 2P
CONTROLLED AVALANCHE RECTIFIER DIODES
Rev. 02: October 8, 2012
logo
Nexperia B.V. All right...
BAS29 NEXPERIA-BAS29 Datasheet
331Kb / 10P
General purpose controlled avalanche (double) diodes
2003 Mar 20
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com