Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAS29 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KAS29
Description  General Purpose Controlled Avalanche Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KAS29 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  KAS29 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KAS29 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd KAS29 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd KAS29 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
Diodes
www.kexin.com.cn
2
Electrical Characteristics Ta = 25
Parameter
Symbol Testconditons
Min
Typ
Max
Unit
IF = 10 mA
750
mV
IF = 50 mA
840
mV
IF = 100 mA
900
mV
IF = 200 mA
1
V
IF = 400 mA
1.25
V
VR = 90 V
100
nA
VR =90V;Tj = 150
100
A
Reverse avalanche breakdown voltage
V(BR)R
IR = 1 mA
120
170
V
Diode capacitance
Cd
f=1MHz;VR = 0
35
pF
Reverse recovery time
trr
when switched from IF =30mAto
IR =30mA; RL = 100 Ù; measured at
IR =3mA
50
ns
VF
Forward voltage
IR
Reverse current
KAS29/KAS31/KAS35
(BAS29/BAS31/BAS35)
Marking
NO.
KAS29
KAS31
KAS35
Marking
L20
L21
L22



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com