Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS100 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SS100
Description  Schottky Rectifiers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SS100 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  SS100 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Diodes
1
1
2
4.597
3.988
5.283
4.775
2.896
2.489
1.575
1.397
3.93
3.73
2.38
2.18
5.49
5.29
1.47
1.67
1.524
0.762
0.203
0.051
0.305
0.152
Recommended
Land Pattern
DO-214AC(SMA)
Unit: mm
1.981
2.438
www.kexin.com.cn
Features
Glass passivated junctions.
High current capability, low VF.
For use in low voltage, high
frequency inverters free
wheeling, and polarity
protection applications.
Schottky Rectifiers
KS12 - KS100
(SS12 - SS100)
Absolute Maximum Ratings Ta = 25
unless otherwise noted
Parameter
Symbol
KS12
KS13
KS14
KS15
KS16
KS18
KS19
KS100
Unit
Maximum Repetitive Reverse Voltage
VRRM
20
30
40
50
60
80
90
100
V
Average Rectified Forward Current
.375 " lead length @ TA =75
Non-repetitive Peak Forward Surge Current
8.3 ms Single Half-Sine-Wave
Storage Temperature Range
Tstg
Operating Junction Temperature
TJ
Power Dissipation
PD
W
Thermal Resistance, Junction to Ambient *
R JA
/W
*Device mounted on FR-4 PCB 0.013 mm.
88
1.1
A
A
-65 to +125
-65 to +150
IF(AV)
IFSM
1.0
40
Electrical Characteristics Ta = 25
unless otherwise noted
Parameter
Symbol
KS12
KS13
KS14
KS15
KS16
KS18
KS19
KS100
Units
Forward Voltage @ 1.0 A
VF
mV
Reverse Current @ rated VR TA =25
mA
TA = 100
mA
IR
500
700
850
0.2
10


Similar Part No. - SS100

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
SS100 TRSYS-SS100 Datasheet
155Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SS100 JGD-SS100 Datasheet
171Kb / 2P
1.0 AMP. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
SS100 FAIRCHILD-SS100 Datasheet
341Kb / 6P
1.0 Ampere Schottky Barrier Rectifiers
logo
Honeywell Solid State E...
SS100 HONEYWELL-SS100 Datasheet
222Kb / 3P
Surface Mount Digital Position Sensors
logo
Pan Jit International I...
SS100 PANJIT-SS100 Datasheet
70Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SS26 FAIRCHILD-SS26 Datasheet
49Kb / 3P
Schottky Rectifiers
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Dongguan City Niuhang E...
MBR1020DD NIUHANG-MBR1020DD Datasheet
485Kb / 5P
SCHOTTKY RECTIFIERS
SS52F NIUHANG-SS52F Datasheet
321Kb / 3P
SCHOTTKY RECTIFIERS
1N5817 NIUHANG-1N5817 Datasheet
357Kb / 2P
SCHOTTKY RECTIFIERS
MBR1020DCT NIUHANG-MBR1020DCT Datasheet
431Kb / 3P
SCHOTTKY RECTIFIERS
MBR30100DCT NIUHANG-MBR30100DCT Datasheet
373Kb / 3P
SCHOTTKY RECTIFIERS
SR1060 NIUHANG-SR1060 Datasheet
335Kb / 3P
SCHOTTKY RECTIFIERS
logo
Shanghai Leiditech Elec...
SS68C LEIDITECH-SS68C Datasheet
863Kb / 3P
Schottky rectifiers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com