Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS-S2012 Datasheet(PDF) 1 Page - Altech corporation

Part # PS-S2012
Description  20W Single Output Industrial DIN Rail Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

PS-S2012 Datasheet(HTML) 1 Page - Altech corporation

  PS-S2012 Datasheet HTML 1Page - Altech corporation PS-S2012 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
35 Royal Road, Flemington, NJ 08822-6000 • (tel.) 908-806-9400 • (fax) 908-806-9490 • www.altechcorp.com
PS-S20 Series
SPECIFICATION
20W Single Output Industrial DIN Rail Power Supply
PS-S2005
PS-S2012
PS-S2015
PS-S2024
MODEL
Note.5
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
SAFETY STANDARDS
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKAGING
V
4
2
V
5
1
V
2
1
V
5
A
1
A
4
3
.
1
A
7
6
.
1
A
3
W
4
2
W
0
2
W
0
2
W
5
1
80mVp-p
120mVp-p
120mVp-p
0.19Kg; 0.48lbs.
150mVp-p
2.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
1.0%
%
4
8
%
1
8
%
0
8
%
6
7
Note.2
Note.3
ENVIRONMENT
PROTECTION
SAFETY &
EMC
NEC Class 2 /LPS Compliant (except SV)
FUNCTION
UL508, NEC class 2 /LPS
Compliance to EN55011, EN55022 (CISPR22), EN61204-3 Class B


Similar Part No. - PS-S2012

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PS-S2024 ALTECH-PS-S2024 Datasheet
156Kb / 1P
PS-S2024
More results

Similar Description - PS-S2012

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
DRP-240 ASTRODYNE-DRP-240 Datasheet
322Kb / 2P
240W Single Output Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
MDR-10 MEANWELL-MDR-10 Datasheet
234Kb / 2P
10W Single Output Industrial DIN Rail Power Supply
MDR-20 MEANWELL-MDR-20 Datasheet
236Kb / 2P
20W Single Output Industrial DIN Rail Power Supply
MDR-60 MEANWELL-MDR-60 Datasheet
255Kb / 2P
60W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-S100 ALTECH-PS-S100 Datasheet
712Kb / 2P
100W Single Output Industrial DIN Rail Power Supply
PS-S40 ALTECH-PS-S40 Datasheet
613Kb / 2P
40W Single Output Industrial DIN Rail Power Supply
PSS20 ALTECH-PSS20 Datasheet
124Kb / 1P
20W Single Output Industrial DIN Rail Power Supply PS-S20 Series
PS-100 ALTECH-PS-100 Datasheet
513Kb / 2P
100W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
MDR-20 MEANWELL-MDR-20_11 Datasheet
240Kb / 2P
20W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
MDR-20 TOTAL-POWER-MDR-20 Datasheet
314Kb / 2P
20W Single Output Industrial DIN Rail Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com