Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JAP Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # JAP
Description  High-speed double diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

JAP Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  JAP Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd JAP Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
High-speed double diode
BAV74
Features
Small plastic SMD package
High switching speed: max.4 ns
Continuous reverse voltage: max. 50 V
Repetitive peak reverse voltage: max. 60 V
Repetitive peak forward current: max. 450 mA
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Conditions
Min
Max
Unit
Repetitive peak reverse voltage
VRRM
60
V
Continuous reverse voltage
VR
50
V
single diode loaded; Note 1
215
double diode loaded; Note 1
125
Repetitive peak forward current
IFRM
450
mA
square wave;Tj =25
prior to surge;
t= 1
s
4
t= 1 ms
1
t= 1 s
0.5
Total power dissipation
Ptot
Tamb =25
;Note 1
250
mW
Storage temperature
Tstg
-65
+150
Junction temperature
Tj
150
thermal resistance from junction to tie-point
Rth j-tp
360
K/W
thermal resistance from junction to ambient
Rth j-a
500
K/W
Note
1. Device mounted on an FR4 printed-circuit board.
A
mA
Non-repetitive peak forward current
IFSM
Continuous forward current
IF


Similar Part No. - JAP

ManufacturerPart #DatasheetDescription
logo
Juniper Networks, Inc.
JAPAW JUNIPER-JAPAW Datasheet
664Kb / 3P
Junos Application Aware
logo
M-System Co.,Ltd.
JAPD2 MSYSTEM-JAPD2 Datasheet
135Kb / 4P
Plug-in Signal Conditioners M-UNIT
JAPD2-0-M2 MSYSTEM-JAPD2-0-M2 Datasheet
135Kb / 4P
Plug-in Signal Conditioners M-UNIT
JAPD2-0-M2/Q MSYSTEM-JAPD2-0-M2/Q Datasheet
135Kb / 4P
Plug-in Signal Conditioners M-UNIT
JAPD2-0-P MSYSTEM-JAPD2-0-P Datasheet
135Kb / 4P
Plug-in Signal Conditioners M-UNIT
More results

Similar Description - JAP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS300 PHILIPS-1PS300 Datasheet
52Kb / 8P
High-speed double diode
1999 May 26
1PS301 PHILIPS-1PS301 Datasheet
52Kb / 8P
High-speed double diode
1999 May 06
BAV70W PHILIPS-BAV70W Datasheet
58Kb / 12P
High-speed double diode
1999 May 05
logo
Guangdong Kexin Industr...
BAS28 KEXIN-BAS28 Datasheet
40Kb / 2P
High-Speed Double Diode
KAV70 KEXIN-KAV70 Datasheet
74Kb / 3P
High-Speed Double Diode
logo
NXP Semiconductors
1PS300 NXP-1PS300 Datasheet
127Kb / 8P
High-speed double diode
1996 Oct 04
logo
Shenzhen Luguang Electr...
BAS56 LUGUANG-BAS56 Datasheet
281Kb / 4P
High-speed Double Diode
logo
NXP Semiconductors
BAV74 PHILIPS-BAV74_15 Datasheet
133Kb / 9P
High-speed double diode
2004 Jan 14
logo
Micro Commercial Compon...
BAS28 MCC-BAS28 Datasheet
376Kb / 3P
High-Speed Double Diode
logo
Nexperia B.V. All right...
PMBD7100 NEXPERIA-PMBD7100 Datasheet
320Kb / 11P
High-speed double diode
2003 Nov 07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com