Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSP240 Datasheet(PDF) 1 Page - Altech corporation

Part # PSP240
Description  240W Single Phase Industrial DIN Rail Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

PSP240 Datasheet(HTML) 1 Page - Altech corporation

  PSP240 Datasheet HTML 1Page - Altech corporation PSP240 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATION
PSP-24024
PSP-24048
MODEL
DC VOLTAGE
RATED CURRENT
CURRENT RANGE
RATED POWER
OUTPUT
VOLTAGE ADJ. RANGE
LINE R EGULATION
LOAD REGULATION
SETUP, RISE, HOLD TIME
VOLTAGE R ANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSH CURRENT (max.)
LEAKAGE CURRENT
OVER TEMPERATURE
SAFETY STANDARDS
HARMONIC CURRENT
SAFETY &
EMS IMMUNITY
WORKING TEMP.
WORKING HUMIDITY
STORAGE TEMP., HUMIDITY
TEMP. COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
NOTE
PACKING
OVER L OAD
OVER VOLTAGE
AC CURRENT
24V
48V
10A
5A
0 ~ 10A
0 ~ 5A
240W
240W
80mVp-p
150mVp-p
24 ~ 28V
48 ~ 53V
1.0%
0.5%
0.5%
1.0%
1.0%
1.0%
85 ~ 264VAC
1 20 ~ 370VDC
47 ~ 63Hz
84%
85%
54 ~ 60V
2.8A/115V AC
1.4A/230V AC
COLD START 27A/115V AC
45A/230V AC
<3.5mA/ 240VAC
105 ~ 150% rated output power
30 ~ 36V
Protection type : Constant current limiting, recovers automatically after fault condition is removed
Protection type : Shut down o/p voltage, re-power on to recover
100
5 (TSW1)Detect on heat sink of power transistor
Protection type : Shut down o/p voltage, recovers automatically after temperature goes down
-10 ~ +70 (Refer to output load derating curve)
20 ~ 90% RH non-condensing
-20 ~ +85 , 10 ~ 95% RH
0.03%/ (0 ~ 50
10 ~ 500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes
105.5Khrs min.
MIL-HDBK-217F (25 )
125.5*125.2*100mm (W*H*D)
1.2Kg; 20pcs/14.4Kg/1.2CUFT
1. A ll parameters N OT s pecially mentioned are measured at 230VAC i nput, rated load and 25
of ambient temperature.
2. R ipple & n oise a re measured at 20MHz of bandwidth by using a 1 2" twisted pair-wire terminated with a 0 .1uf & 4 7uf parallel capacitor.
3. T olerance : i ncludes s et up tolerance, line regulation and load regulation.
4. T he power s upply is c onsidered a c omponent which will be installed into a f inal equipment. T he final equipment must be re-confirmed that it still meets
E MC d irectives.
UL508,
EN60950 Approved
UL60950-1,
Compliance to EN55011,EN55022 (CISPR22) Class B
Compliance to EN61000-3-2,-3
Compliance to EN61000-4-2,3,4,5,6,8,1
1, ENV50204, EN55024, EN61000-6-2 (EN50082-2) Heavy industry level, criteria
A
F eatures :
Univers al A C i nput / F ull range
B uilt in a ctive P F C f unction, P F >0.95
P rotections :S hort circuit/Over load/Over voltage/Over temperature
C ooling by free a ir c onvection
C an be i ns talled on D IN r ail T S -35/7.5 o r 1 5
UL 5 08(indus trial c ontrol e quipment)approved
LE D i ndicator for power on
100% f ull load burn-in tes t
F ixed s witching frequency a t 100K Hz
3 y ears w arranty
ENVIRONMENT
PROTECTION
EMI CONDUCTION & RADIATION
EMC
(Note 4)
WITHSTAND VOLTAGE
ISOLATION RESISTANCE
I/P-O/P:3KVAC I/P-FG:1.5KVAC O/P-FG:0.5KVAC
I/P-O/P, I/P-FG, O/P-FG:100M Ohms/500VDC
800ms, 40ms, 20ms
00ms, 40ms, 20ms
/230VAC
8
/115VAC at full load
RIPPLE & NOISE (max.) Note.2
VOLTAGE TOLERANCE Note.3
R
POWER FACTOR
PF>0.95/230VAC
P F>0.98/115VAC at full load
PSP-240 Series
35 Royal Road, Flemington, NJ 08822-6000 • (tel.) 908-806-9400 • (fax) 908-806-9490 • www.altechcorp.com
240W Single Phase Industrial DIN Rail Power Supply


Similar Part No. - PSP240

ManufacturerPart #DatasheetDescription
logo
Altech corporation
PSP240 ALTECH-PSP240 Datasheet
142Kb / 1P
240W Single Output DIN Rail Power Supply PSP-240 Series
More results

Similar Description - PSP240

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
DRT-240 ASTRODYNE-DRT-240 Datasheet
352Kb / 2P
240W Three Phase Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
DRT-240 MEANWELL-DRT-240 Datasheet
148Kb / 2P
240W Three Phase Industrial DIN RAIL Power Supply
logo
Altech corporation
PST240 ALTECH-PST240_1 Datasheet
98Kb / 2P
240W Three Phase Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DRP-240 MEANWELL-DRP-240_10 Datasheet
350Kb / 2P
240W Single Output Industrial DIN RAIL Power Supply
DRT-240_0811 MEANWELL-DRT-240_0811 Datasheet
314Kb / 2P
240W Three Phase Industrial DIN RAIL Power Supply
WDR-240 MEANWELL-WDR-240 Datasheet
544Kb / 3P
240W Single Output Industrial DIN RAIL Power Supply
DRT-240 MEANWELL-DRT-240_11 Datasheet
314Kb / 2P
240W Three Phase Industrial DIN RAIL Power Supply
logo
Total Power Internation...
DRP-240 TOTAL-POWER-DRP-240 Datasheet
209Kb / 2P
240W Single Output Industrial DIN RAIL Power Supply
DRT-240 TOTAL-POWER-DRT-240 Datasheet
392Kb / 2P
240W Three Phase Industrial DIN RAIL Power Supply
logo
Applied Motion Products...
PS240D48 AMP-PS240D48 Datasheet
891Kb / 4P
DIN Rail Power Supply ??Industrial ??240W
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com