Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSP240 Datasheet(PDF) 2 Page - Altech corporation

Part # PSP240
Description  240W Single Phase Industrial DIN Rail Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

PSP240 Datasheet(HTML) 2 Page - Altech corporation

  PSP240 Datasheet HTML 1Page - Altech corporation PSP240 Datasheet HTML 2Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INPUT VOLTAGE (V) 60Hz
Ta=25
Terminal Pin. No Assignment (TB1)
Terminal Pin. No Assignment (TB2)
Pin No.
Pin No.
1
1,2
2
3,4
3
Assignment
Assignment
FG
AC/L
AC/N
DC OUTPUT +V
DC OUTPUT -V
AMBIENT TEMPERATURE ( )
-10
0
10
20
30
40
50 55 60
70
Vin:
230VAC
110VAC
--
20
40
60
80
100
100
40
85
110
50
60
70
80
155
135
230
264
90
100
(VERTICAL)
Mechanical Specification
Output Derating
Output derating VS input voltage
110VAC
230VAC
ADMISSIBLE DIN-RAIL:TS35/7.5 OR TS35/15
TB2
LED
TB1
2
1
4
3
1
2
3
125.2
+V ADJ.
PSP-240 Series
35 Royal Road, Flemington, NJ 08822-6000 • (tel.) 908-806-9400 • (fax) 908-806-9490 • www.altechcorp.com
240W Single Output Industrial DIN Rail Power Supply



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com