Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD301 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMBD301
Description  Schottky Barrier Diode
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMBD301 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  MMBD301 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Schottky Barrier Diode
MMBD301
Features
A b solu te M a xim u m R atings T a = 2 5
P a ra m e te r
S y m bol
V a lu e
U nit
W o rk in g Inv erse V o ltage
W IV
25
V
F o rw ard P ow er D issipatio n
@ T A =2 5
200
m W
D e ra te abov e 2 5
2.0
mW /
S torage te m perature range
T ST G
-5 5to+ 1 5 0
O peratin g J unction T e m perature
T J
-5 5to+ 1 2 5
pF
E lectric al C haracte ristic s T a = 25
P a ra m e te r
S y m bol
C onditions
M in
M a x
U nit
B reakdow n V oltage
B V
IR =1 0
A
30
V
R e v e rs e Leakage
IR
V R = 2 5 V
200
nA
IF = 1 .0 m A
450
IF = 1 0 m A
600
C apacitance
C T
V R = 1 5V , f = 1 .0M H z
1 .5
p F
F o rw ard V oltage
V F
mV
Marking
Marking
4T


Similar Part No. - MMBD301

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBD301 FAIRCHILD-MMBD301 Datasheet
195Kb / 8P
Schottky Barrier Diode
logo
Pan Jit International I...
MMBD301 PANJIT-MMBD301 Datasheet
53Kb / 4P
SURFACE MOUNT SCHOTTKY DIODE
logo
DAESAN ELECTRONIC CORP.
MMBD301 DAESAN-MMBD301 Datasheet
264Kb / 2P
Surface Mount Schottky Barrier Diode
logo
Micro Commercial Compon...
MMBD301 MCC-MMBD301 Datasheet
181Kb / 3P
30 Volts Schottky Barrier Diodes
logo
Shenzhen Luguang Electr...
MMBD301 LUGUANG-MMBD301 Datasheet
207Kb / 1P
Schottky Barrier Diode
More results

Similar Description - MMBD301

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com