Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC03 Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC03
Description  PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC03 Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC03 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC03 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC03 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC03 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC03 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC03 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC03 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
TC02
TC03
PRELIMINARY INFORMATION
PRECISION TEMPERATURE-
TO -VOLTAGE CONVERTERS
TC02/03-04
6/18/97
Figure 1. Output Voltage vs Temperature
Figure 2. TC02/03 Power Supply Connections for Full Scale Measurements
TC03
GND
TC03 (– 20
°C to +100°C)
VCC = 2.2V to 12.0V MIN.
V
VOUT
CC
VOUT
R1
R1 = VSS/50µA
V
SS
TC02
GND
TC02 (– 20
°C to +125°C)
VCC = 3.0V to 12.0V
VCC
VOUT
VOUT
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
– 0.1
– 0.2
– 40
TEMPERATURE (
°C)
– 30
– 20
–10
0
10
20
30
40
50
60
70
80
90
100
110
120
130
TC02
TC03
TC02: VOUT = (10mV/°C) (Temperature °C) + 500mV
TC03: VOUT = (10mV/°C) (Temperature °C)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com