Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC03 Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC03
Description  PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC03 Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC03 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC03 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC03 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC03 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC03 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC03 Datasheet HTML 6Page - TelCom Semiconductor, Inc TC03 Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
TC02
TC03
PRELIMINARY INFORMATION
PRECISION TEMPERATURE-
TO -VOLTAGE CONVERTERS
TC02/03-04
6/18/97
MARKING
SOT-23B-3
TO-92-3
9
14
4
10
15
5
8
13
3
7
12
2
6
11
1
&
= part number code and temperature range
TC02VNB = AA – 20
°C to 125°C
TC03VNB = AB – 20
°C to 100°C
ex: 02 =
kkkk
ex: 03 =
kkkk
= year and quarter
= lot ID
A
B
A
A
&
= TC (fixed)
,
&
= blank
,
,
&
= part number
= temperature range
C = – 20
°C to +125°C
D = – 20
°C to +100°C
,
,
,
&
= traceability code
TAPING FORMS
User Direction of Feed
User Direction of Feed
Device
Marking
PIN 1
P
PIN 1
Standard Reel Component Orientation
for 713 or TR Suffix Device
(Mark Right Side Up)
Reverse Reel Component Orientation
for 723 or RT Suffix Device
(Mark Upside Down)
Tape & Reel Specifications Table
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
3L SOT-23B
8 mm
4 mm
3000
7
SOT-23B-3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com