Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4080 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC4080
Description  NPN Epitaxial Planar Silicon Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC4080 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC4080 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC4080 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
NPN Epitaxial Planar Silicon Transistors
2SC4080
Features
High Ft
High breakdown voltage
Small reverse transfer capacitance excellent
high-frequency characteristic
Adoption of FBET prccess
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
collector-base voltage
VCBO
200
V
collector-emitter voltage
VCEO
200
V
emitter-base voltage
VEBO
4V
collector current
IC
100
mA
Collector Current (pulse)
ICP
200
mA
500
mA
1.3
W
Junotion Temperature
TJ
150
storage Temperature
Tstg
-55to150
*Mounted on ceramic board (250mm
2X0.8mm)
PC
Collector Dissipation


Similar Part No. - 2SC4080

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4080 SANYO-2SC4080 Datasheet
45Kb / 2P
High-Frequency Amp, Wide-Band Amp Applications
logo
Guangdong Kexin Industr...
2SC4080-C-HF KEXIN-2SC4080-C-HF Datasheet
359Kb / 1P
NPN Transistors
2SC4080-D-HF KEXIN-2SC4080-D-HF Datasheet
359Kb / 1P
NPN Transistors
2SC4080-E-HF KEXIN-2SC4080-E-HF Datasheet
359Kb / 1P
NPN Transistors
2SC4080-F-HF KEXIN-2SC4080-F-HF Datasheet
359Kb / 1P
NPN Transistors
More results

Similar Description - 2SC4080

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CTN368 CDIL-CTN368 Datasheet
150Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SC4505 KEXIN-2SC4505 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Transistors
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
NPN Epitaxial Planar Silicon Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA14 SEMTECH_ELEC-MMBTA14 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistors
BC817W SEMTECH_ELEC-BC817W Datasheet
264Kb / 4P
NPN Silicon Epitaxial Planar Transistors
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CN652 CDIL-CN652 Datasheet
146Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com