Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1024 Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC1024
Description  PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS WITH SHUTDOWN MODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1024 Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC1024 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1024 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1024 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1024 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1024 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1024 Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
TC1023
TC1024
PRELIMINARY INFORMATION
TC1023/1024-05
6/12/97
PRECISION TEMPERATURE-TO-VOLTAGE
CONVERTERS WITH SHUTDOWN MODE
DETAILED DESCRIPTION
A plot of output voltage versus temperature for both the
TC1023 and TC1024 appears in Figure 5. The TC1023 can
be used with single power supply to measure temperatures
from 0
°C to 100°C. A pull-down resistor (R1 in Figure 1)
must be added from the output pin to the negative power
supply for measuring temperatures less than 0
°C. The
value of the resistor must be chosen to limit the maximum
current pulled from the output to the negative supply to
– 50
µA (i.e., R1 = VSS/50µA).
Figure 1. TC1023 Connections
Output Stage
Both devices have Class A output stages capable of
sourcing 1mA. These devices have a limited ability to drive
heavy capacitive loads. Loads of 50pF (to ground) can be
driven directly. For heavier loads, a 2k
Ω (or greater) resis-
tor should be placed in series with the output for decoupling.
If the TC1023/1024 is used in a noisy electrical environ-
ment, a 0.1
µF bypass capacitor from VCC to GND is recom-
mended.
Shutdown/Calibrate Mode
The TC1023/1024 enters shutdown when the CE input
is taken to VIH. This causes quiescent current to fall to 1µA
(typ) and the output to drop immediately to 0V through
approximately 100k
Ω. For applications where the TC1023/
1024 is connected to an external A/D converter, a refer-
ence voltage can be directly connected to VOUT while in
shutdown for A/D calibration, as shown
in Figure 3. A
CMOS gate provides bias voltage to the bandgap refer-
ence VR, and at the same time disables the TC102x by
taking CE to VIH. Limiting resistor R1 should be chosen to
limit current through the voltage reference to the desired
current (IREF). That is, R1 = (VOH – VREF)/IREF (where VOH
is the CMOS gate output high voltage at output current
equal to IREF; and VREF is the reference voltage of VR).
Figure 2. TC1024 Connections
Figure 3. A/D Calibration
Multi-Zone Temperature Sensing
The CE input facilitates multi-zone temperature sens-
ing as shown in the example of Figure 4. In this example,
the processor addresses either of two sensors with a single
I/O port pin. The TC102x VOUT pins are connected together
and routed to the processor's A/D converter, eliminating
the need for separate A/D input channels for each sensor.
Figure 4. TC1023/1024 Addressing
TC1023
GND
CE
VCC = 2.2V to 12.0V MIN.
VCC
V
OUT
VSS
R1 = VSS /50µA
VOUT
TC102x
GND
CE
V
CC
VCC
VOUT
TC102x
GND
Zone 1/Zone 2
Zone 1
Zone 2
CE
VCC
VOUT
I/O Pin
MICROCONTROLLER
A/D
CONVERTER
TC102x
GND
R1
CE
V
CC
VCC
CAL
A/D
CONVERTER
CMOS
GATE
2.5V
REF
VOUT
TC1024
GND
TC1024 (– 20
°C to +125°C)
VCC = 3.0V to 12.0V
VCC
VOUT
CE
VOUT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com