Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1024 Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC1024
Description  PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS WITH SHUTDOWN MODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC1024 Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC1024 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC1024 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC1024 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC1024 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC1024 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC1024 Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
TC1023
TC1024
PRELIMINARY INFORMATION
TC1023/1024-05
6/12/97
PRECISION TEMPERATURE-TO-VOLTAGE
CONVERTERS WITH SHUTDOWN MODE
TC1023
TC1024
TYPICAL APPLICATION
Output
Voltage
Part No.
Package
At 25
°C
Temp. Range
TC1023VOA
8-Pin SOIC
250mV
– 20
°C to +100°C
TC1023VUA
8-Pin MSOP
250mV
– 20
°C to +100°C
TC1024VOA
8-Pin SOIC
750mV
– 20
°C to +125°C
TC1024VUA
8-Pin MSOP
750mV
– 20
°C to +125°C
PIN CONFIGURATION
PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS
WITH SHUTDOWN MODE
FEATURES
s
Linearized Temperature-to-Voltage Converters
s
Direct Centigrade Output Voltage Scaling (TC1023)
s
Shutdown/Calibrate Mode
s
Multi-Zone Temperature Sensing Capability
s
Wide Temperature Measurement
Range (TC1024) ........................... – 20
°C to +125°C
s
Excellent Temperature Converter Linearity .. 0.8
°C
Over Temperature
s
High Temperature Converter Accuracy .........
± 2°C
at 25
°C Guaranteed
s
Small Packages ......... 8-Pin SOIC and 8-Pin MSOP
APPLICATIONS
s
Power Supply Thermal Shut-Down
s
Temperature-Controlled Fans
s
Temperature Measurement/Instrumentation
s
Temperature Regulators
s
Consumer Electronics
s
Lithium Battery Temperature Monitor
GENERAL DESCRIPTION
The TC1023/1024 temperature sensors furnish a lin-
earized output voltage directly proportional to measured
temperature. The TC1023 has a temperature measure-
ment range of – 20
°C to +100°C. Its output voltage is
directly calibrated in degrees Centigrade (i.e., VOUT =
10mV/
°C x Temperature °C). An external pull-down resis-
tor to a negative voltage source is required for temperature
measurement below 0
°C.
The TC1024 has a temperature measurement range of
– 20
°C to +125°C, and operates with a single supply. It has
the same output voltage slope with temperature as the
TC1023 (10mV/
°C). The output voltage range is 100mV at
– 20
°C to 1,750mV at +125°C. Both devices have a chip
enable input that reduces supply current to 1
µA (typical)
when pulled active high. In this state, the output defaults to
a high resistance allowing an external reference voltage to
be directly connected for A/D calibration.
Small size, low cost, flexibility and low power operation
make the TC1023/1024 suitable for a wide range of gen-
eral purpose temperature measurement applications.
V
OUT
NC
NC
GND
8
7
6
5
1
2
3
4
VCC
NC
NC
CE
V
OUT
NC
NC
GND
NC
NC
V
CC
CE
18
27
36
45
TC1023VOA
TC1024VOA
TC1023VUA
TC1024VUA
TC1023
I/O LINE
V
CC = 2.2V to 12V
V
OUT
V
CC
GND
CE
MICROCONTROLLER
A/D
CONVERTER
8-Pin SOIC
MSOP-8
ORDERING INFORMATION
TelCom Semiconductor reserves the right to make changes in the circuitry and specifications of its devices.


Similar Part No. - TC1024

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
TC102-63 ACE-TC102-63 Datasheet
106Kb / 2P
TUBUS-Series Type TC Profile Damper for Crane Equipment
logo
TelCom Semiconductor, I...
TC1025 TELCOM-TC1025 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - DUAL LOW POWER COMPARATOR
logo
Microchip Technology
TC1025 MICROCHIP-TC1025 Datasheet
285Kb / 16P
Linear Building Block - Dual Low Power Comparator
2005
logo
Cornell Dubilier Electr...
TC10251 CDE-TC10251 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
Microchip Technology
TC1025CEOA MICROCHIP-TC1025CEOA Datasheet
285Kb / 16P
Linear Building Block - Dual Low Power Comparator
2005
More results

Similar Description - TC1024

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM131A NSC-LM131A Datasheet
280Kb / 16P
Precision Voltage-to-Frequency Converters
LM231A NSC-LM231A Datasheet
368Kb / 15P
Precision Voltage-to-Frequency Converters
logo
TelCom Semiconductor, I...
TC02 TELCOM-TC02 Datasheet
149Kb / 7P
PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC1047 MICROCHIP-TC1047 Datasheet
410Kb / 12P
Precision Temperature-to-Voltage Converter
2002
TC962 MICROCHIP-TC962_05 Datasheet
468Kb / 12P
Precision Temperature-to-Voltage Converter
2006
TC1047 MICROCHIP-TC1047_13 Datasheet
168Kb / 12P
Precision Temperature-to-Voltage Converter
11/29/12
TC1047AVNBTR MICROCHIP-TC1047AVNBTR Datasheet
168Kb / 12P
Precision Temperature-to-Voltage Converter
11/29/12
TC1047VNBTR MICROCHIP-TC1047VNBTR Datasheet
140Kb / 12P
Precision Temperature-to-Voltage Converter
04/20/05
logo
Analog Devices
ADR392ART-REEL AD-ADR392ART-REEL Datasheet
431Kb / 20P
Micropower, Low Noise Precision Voltage References with Shutdown
Rev. H
logo
Texas Instruments
LM231 TI1-LM231_15 Datasheet
952Kb / 23P
Precision Voltage-to-Frequency Converters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com