Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1801CS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1801CS8
Description  Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1801CS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1801CS8 Datasheet HTML 3Page - Linear Technology LT1801CS8 Datasheet HTML 4Page - Linear Technology LT1801CS8 Datasheet HTML 5Page - Linear Technology LT1801CS8 Datasheet HTML 6Page - Linear Technology LT1801CS8 Datasheet HTML 7Page - Linear Technology LT1801CS8 Datasheet HTML 8Page - Linear Technology LT1801CS8 Datasheet HTML 9Page - Linear Technology LT1801CS8 Datasheet HTML 10Page - Linear Technology LT1801CS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
LT1801/LT1802
18012fb
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the temperature range of
0
°C < TA < 70°C. VS = ±5V, VCM = 0V, VOUT = 0V, unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = VS–
●
200
800
µV
VCM = VS– (MS8)
●
220
1000
µV
VCM = VS– (DD)
●
290
1300
µV
VCM = VS+
●
0.75
4
mV
∆VOS
Input Offset Shift
VCM = VS
– to VS+ – 1.5V
●
45
675
µV
Input Offset Voltage Match
VCM = VS
–
●
240
1500
µV
(Channel-to-Channel) (Note 9)
VCM = VS– (MS8)
●
300
1700
µV
VCM = VS– (DD)
●
340
1950
µV
VOS TC
Input Offset Voltage Drift (Note 8)
●
1.5
5
µV/°C
IB
Input Bias Current
VCM = VS– + 1V
●
30
300
nA
VCM = VS+ – 0.2V
●
450
2000
nA
Input Bias Current Match
VCM = VS– + 1V
●
25
400
nA
(Channel-to-Channel) (Note 9)
VCM = VS
+ – 0.2V
●
25
700
nA
IOS
Input Offset Current
VCM = VS
– + 1V
●
25
300
nA
VCM = VS+ – 0.2V
●
25
300
nA
AVOL
Large-Signal Voltage Gain
VO = –4V to 4V, RL = 1k
●
15
55
V/mV
VO = –2V to 2V, RL = 100Ω
●
2
5
V/mV
CMRR
Common Mode Rejection Ratio
VCM = VS– to 3.5V
●
82
105
dB
CMRR Match (Channel-to-Channel) (Note 9)
VCM = VS– to 3.5V
●
76
105
dB
Input Common Mode Range
●
VS–
VS+
V
PSRR
Power Supply Rejection Ratio
VS+ = 2.5V to 10V, VS– = 0V
●
74
91
dB
PSRR Match (Channel-to-Channel) (Note 9)
VS+ = 2.5V to 10V, VS– = 0V
●
68
93
dB
VOL
Output Voltage Swing Low (Note 7)
No Load
●
17
80
mV
ISINK = 5mA
●
105
250
mV
ISINK = 20mA
●
250
575
mV
VOH
Output Voltage Swing High (Note 7)
No Load
●
25
90
mV
ISOURCE = 5mA
●
150
310
mV
ISOURCE = 20mA
●
600
975
mV
ISC
Short-Circuit Current
●
22.5
45
mA
IS
Supply Current per Amplifier
●
2.4
4
mA
GBW
Gain Bandwidth Product
Frequency = 2MHz
●
70
MHz
SR
Slew Rate
AV = – 1, RL = 1k, VO = ±4V,
●
20
V/
µs
Measured at VO = ±2V
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = VS–
●
350
1000
µV
VCM = VS
– (MS8)
●
350
1200
µV
VCM = VS– (DD)
●
350
1500
µV
VCM = VS+
●
0.75
5
mV
∆VOS
Input Offset Shift
VCM = VS– to VS+ – 1.5V
●
50
750
µV
Input Offset Voltage Match
VCM = VS–
●
280
1700
µV
(Channel-to-Channel) (Note 9)
VCM = VS
– (MS8)
●
380
1900
µV
VCM = VS– (DD)
●
410
2100
µV
The
● denotes the specifications which apply over the temperature range of –40
°C < TA < 85°C. VS = ±5V, VCM = 0V, VOUT = 0V, unless
otherwise noted. (Note 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com