Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1801CS8 Datasheet(PDF) 16 Page - Linear Technology

Part # LT1801CS8
Description  Dual/Quad 80MHz, 25V/關s Low Power Rail-to-Rail Input and Output Precision Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1801CS8 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT1801CS8 Datasheet HTML 12Page - Linear Technology LT1801CS8 Datasheet HTML 13Page - Linear Technology LT1801CS8 Datasheet HTML 14Page - Linear Technology LT1801CS8 Datasheet HTML 15Page - Linear Technology LT1801CS8 Datasheet HTML 16Page - Linear Technology LT1801CS8 Datasheet HTML 17Page - Linear Technology LT1801CS8 Datasheet HTML 18Page - Linear Technology LT1801CS8 Datasheet HTML 19Page - Linear Technology LT1801CS8 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
16
LT1801/LT1802
18012fb
TYPICAL APPLICATIO S
Single 3V Supply, 1MHz, 4th Order Butterworth Filter
The circuit shown on the first page of this data sheet makes
use of the low voltage operation and the wide bandwidth
of the LT1801 to create a DC accurate 1MHz 4th order
lowpass filter powered from a 3V supply. The amplifiers
are configured in the inverting mode for the lowest distor-
tion and the output can swing rail-to-rail for maximum
dynamic range. Also on the first page of this data sheet, the
graph displays the frequency response of the filter.
Stopband attenuation is greater than 100dB at 50MHz.
With a 2.25VP-P, 250kHz input signal, the filter has har-
monic distortion products of less than – 85dBc. Worst
case output offset voltage is less than 6mV.
1/2 LT1801
0.1
Ω
IL
0A TO 1A
VOUT
0V TO 2V
VOUT = 2 • IL
f–3dB = 4MHz
UNCERTAINTY DUE TO VOS, IB < 4mA
3V
1k
18012 F02
52.3
Ω
52.3
Ω
Figure 2. Fast 1A Current Sense
500mV/DIV
0V
VS = 3V
50ns/DIV
18012 F03
Figure 3. Current Sense Amplifier Large-Signal Response
Fast 1A Current Sense Amplifier
A simple, fast current sense amplifier in Figure 2 is suitable
for quickly responding to out-of-range currents. The cir-
cuit amplifies the voltage across the 0.1
Ω sense resistor
by a gain of 20, resulting in a conversion gain of 2V/A. The
–3dB bandwidth of the circuit is 4MHz, and the uncertainty
due to VOS and IB is less than 4mA. The minimum output
voltage is 60mV, corresponding to 30mA. The large-signal
response of the circuit is shown in Figure 3.
Capacitive Load
The LT1801/LT1802 are optimized for high bandwidth,
low power and precision applications. They can drive a
capacitive load of about 75pF in a unity-gain configuration,
and more for higher gain. When driving a larger capacitive
load, a resistor of 10
Ω to 50Ω should be connected
between the output and the capacitive load to avoid ringing
or oscillation. The feedback should still be taken from the
output so that the resistor will isolate the capacitive load
to ensure stability. Graphs on capacitive loads indicate the
transient response of the amplifier when driving capacitive
load with a specified series resistor.
Feedback Components
When feedback resistors are used to set up gain, care must
be taken to ensure that the pole formed by the feedback
resistors and the total capacitance at the inverting input
does not degrade stability. For instance, the LT1801/
LT1802 in a noninverting gain of 2, setup with two 5k
resistors and a capacitance of 5pF (part plus PC board) will
probably oscillate. The pole is formed at 12.7MHz that will
reduce phase margin by 57 degrees when the crossover
frequency of the amplifier is around 20MHz. A capacitor of
5pF or higher connected across the feedback resistor will
eliminate any ringing or oscillation.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com