Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1805CS Datasheet(PDF) 10 Page - Linear Technology

Part # LT1805CS
Description  Single/Dual/Quad 100V/ms, 85MHz, Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1805CS Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1805CS Datasheet HTML 6Page - Linear Technology LT1805CS Datasheet HTML 7Page - Linear Technology LT1805CS Datasheet HTML 8Page - Linear Technology LT1805CS Datasheet HTML 9Page - Linear Technology LT1805CS Datasheet HTML 10Page - Linear Technology LT1805CS Datasheet HTML 11Page - Linear Technology LT1805CS Datasheet HTML 12Page - Linear Technology LT1805CS Datasheet HTML 13Page - Linear Technology LT1805CS Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LT1803/LT1804/LT1805
180345f
POWER SUPPLY VOLTAGE (
±V)
1.5
80
60
40
20
0
–20
–40
–60
3.0
4.0
180345 G12
2.0
2.5
3.5
4.5
5.0
TA = 125°C
TA = –55°C
TA = 25°C
TA = 125°C
TA = –55°C
TA = 25°C
SINKING
SOURCING
OUTPUT CURRENT (mA)
–60
8
6
4
2
0
–2
–4
–6
040
180345 G16
–40
–20
20
60
80
VS = ±5V
TA = 125°C
TA = –55°C
TA = 25°C
FREQUENCY (kHz)
0.01
1
100
160
140
120
100
80
60
40
20
0
180345 G18
0.1
10
VS = 5V, 0V
NPN ACTIVE
VCM = 4.25V
PNP ACTIVE
VCM = 2.5V
LOAD CURRENT (mA)
0.01
0.1
1
10
0.01
1
10
180345 G10
0.001
0.1
100
TA = 125°C
TA = –55°C
VS = 5V, 0V
TA = 25°C
180345 G11
TOTAL SUPPLY VOLTAGE (V)
0
2.0
3.0 3.5
5.5
1.5
2.5
4.0 4.5 5.0
6
4
2
0
–2
–4
–6
TA = 125°C
TA = –55°C
TA = 25°C
VCM = 0V
TIME AFTER POWER-UP (SECONDS)
0
15
10
5
0
–5
–10
–15
5
10
15
20
180345 G17
25
30
VS = ±5V
VS = 5V
VS = 3V
OUTPUT VOLTAGE (V)
0
0.5
1.0
1.5
2.0
180345 G13
2.5
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
3.0
VS = 3V, 0V
RL TO GND
RL = 1k
RL = 100Ω
OUTPUT VOLTAGE (V)
0
1
2
34
180345 G14
5
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
VS = 5V, 0V
RL TO GND
RL = 1k
RL = 100Ω
OUTPUT VOLTAGE (V)
10
8
6
4
2
0
–2
–4
–6
–8
–10
180345 G15
0123
4
5
RL = 1k
RL = 100Ω
VS = ±5V
RL TO GND
–5 –4 –3 –2 –1
TYPICAL PERFOR A CE CHARACTERISTICS
Output Short-Circuit Current vs
Power Supply Voltage
Open-Loop Gain
Open-Loop Gain
Open-Loop Gain
Offset Voltage Change
vs Output Current
Warm-Up Drift vs Time
(LT1804S8)
Input Noise Voltage
vs Frequency
Output Saturation Voltage vs
Load Current (Output High)
Minimum Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com