Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1805CS Datasheet(PDF) 14 Page - Linear Technology

Part # LT1805CS
Description  Single/Dual/Quad 100V/ms, 85MHz, Rail-to-Rail Input and Output Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1805CS Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1805CS Datasheet HTML 10Page - Linear Technology LT1805CS Datasheet HTML 11Page - Linear Technology LT1805CS Datasheet HTML 12Page - Linear Technology LT1805CS Datasheet HTML 13Page - Linear Technology LT1805CS Datasheet HTML 14Page - Linear Technology LT1805CS Datasheet HTML 15Page - Linear Technology LT1805CS Datasheet HTML 16Page - Linear Technology LT1805CS Datasheet HTML 17Page - Linear Technology LT1805CS Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LT1803/LT1804/LT1805
180345f
If both amplifiers are loaded simultaneously, then the total
power dissipation is 0.19W.
The maximum ambient temperature that the part is al-
lowed to operate is:
TA = TJ – (PDMAX • 190°C/W)
= 150
°C – (0.190W • 190°C/W) = 113.9°C
Similar calculations can be carried out for specific pack-
ages and conditions.
Also worth noting, the DD package includes a low
θJA
underside metal which is internally connected to VS–. If the
underside metal is properly soldered to a PCB, the
θJA of
the part will be close to 50
°C/W. This θJA is significantly
less than leaving the underside metal unattached and can
be useful for certain applications.
Input Offset Voltage
The input offset voltage will change greatly based upon
which input stage is active. The PNP input stage is active
from the negative supply voltage to about 1.3V below the
positive supply rail, then the NPN input stage is activated
for the remaining input range up to the positive supply rail
during which the PNP stage remains inactive. The offset
voltage is typically less than 1000
µV in the range the PNP
input stage is active.
Input Bias Current
The LT1803/LT1804/LT1805 employ a patent-pending
technique to reduce the input bias current to less than 1
µA
for the input common mode voltage range of 0.2V above
the negative supply rail to 1.75V below the positive rail.
The low input offset voltage and low input bias current
provide precision performance in high source impedance
applications.
Output
The LT1803/LT1804/LT1805 can deliver a large output
current, so the short-circuit current limit is set around
50mA to prevent damage to the device. Attention must be
paid to keep the junction temperature of the IC below the
absolute maximum rating of 150
°C (refer to the Power
Dissipation section) when the output is continuously short
circuited. The output of the amplifier has reverse-biased
diodes connected to each supply. If the output is forced
beyond either supply, unlimited current will flow through
these diodes. If the current is transient and limited to less
than 100mA and the total supply voltage is less than
APPLICATIO S I FOR ATIO
Figure 1. LT1803/LT1804/LT1805 Simplified Schematic Diagram
Q4
Q18
Q17
Q16
Q6
Q3
Q7
Q10
Q1
Q13
Q15
OUT
Q2
Q11
Q12
Q9
Q5
VBIAS
I1
D2
D1
D5
D4
D3
D6
D7
D8
ESDD2
ESDD1
+IN
–IN
V–
ESDD3
ESDD4
V+
V+
V–
Q8
R2
R1
R3
R4
R5
Q14
180345 F01
+
I2
+
I3
C2
CC
V–
+
C1
BUFFER
AND
OUTPUT BIAS
V+
V–
Q19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com