Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC6T Datasheet(PDF) 6 Page - Altech corporation

Part # CSC6T
Description  FEED-THROUGH Spring Clamp Terminals
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

CSC6T Datasheet(HTML) 6 Page - Altech corporation

  CSC6T Datasheet HTML 1Page - Altech corporation CSC6T Datasheet HTML 2Page - Altech corporation CSC6T Datasheet HTML 3Page - Altech corporation CSC6T Datasheet HTML 4Page - Altech corporation CSC6T Datasheet HTML 5Page - Altech corporation CSC6T Datasheet HTML 6Page - Altech corporation CSC6T Datasheet HTML 7Page - Altech corporation CSC6T Datasheet HTML 8Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Terminal Width
Height x Length
Stripping Length
Insulation Material
Type of Connection
Approvals
Wire Range
Voltage Rating
Current Rating
Terminal Block
DIN Rail
for ordering information
refer to page 62
Marking Tags
(MT Type)
CSCG6T
8 mm
45 x 72 mm
12 mm
Polyamide 6.6
2 spring clamp connection,
grounding through alloy feet
22-8 AWG
0.5-6 sq.mm
22-8 AWG
800 V
41 A
Cat. No.
Std. Pk.
CSCG6T
50
MT8
100
C US
CSCG10T
10 mm
50 x 75 mm
12 mm
Polyamide 6.6
2 spring clamp connection,
grounding through alloy feet
16-6 AWG
0.5-10 sq.mm
16-6 AWG
800 V
57 A
Cat. No.
Std. Pk.
CSCG10T
50
MT10
100
57
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
*
UL & CSA pending.
C US
*
*
*
*
E220514
E220514



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com