Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSC6T Datasheet(PDF) 7 Page - Altech corporation

Part # CSC6T
Description  FEED-THROUGH Spring Clamp Terminals
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

CSC6T Datasheet(HTML) 7 Page - Altech corporation

  CSC6T Datasheet HTML 1Page - Altech corporation CSC6T Datasheet HTML 2Page - Altech corporation CSC6T Datasheet HTML 3Page - Altech corporation CSC6T Datasheet HTML 4Page - Altech corporation CSC6T Datasheet HTML 5Page - Altech corporation CSC6T Datasheet HTML 6Page - Altech corporation CSC6T Datasheet HTML 7Page - Altech corporation CSC6T Datasheet HTML 8Page - Altech corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Terminal Width
Height x Length
Stripping Length
Insulation Material
Type of Connection
Approvals
Wire Range
Voltage Rating
Current Rating
Terminal Block
End Section
(set of left and right)
Insulated Jumper
(2 pole)
Operating Tool
Marking Tags
(MT Type)
CSCP2.5T
CSCP2.5T2
5 mm
27 x 35 mm
9 mm
Polyamide 6.6
2 spring clamp connections
22-14 AWG
0.5-2.5 sq.mm
22-14 AWG
600 V
750 V
600 V
20 A
24 A
20 A
Cat. No.
Std. Pk.
CSCP2.5T
100
EPCSCP2.5T
50
CA803/1
100
SCA2-5
1
MT4
100
10 mm
27 x 35 mm
9 mm
Polyamide 6.6
4 common spring clamp connections
22-14 AWG
0.5-2.5 sq.mm
22-14 AWG
600 V
750 V
600 V
20 A
24 A
20 A
Cat. No.
Std. Pk.
CSCP2.5T2
100
EPCSCP2.5T
50
CA803/1
100
SCA2-5
1
MT3
100
Panel Mount Spring
Clamp Terminals
Altech “screwless”
spring clamp panel
mount terminal blocks
are an excellent solution
for extremely compact
wiring applications.
These terminal blocks are
“add-on” type and can
be combined to form
multi-pole assemblies.
The stacked assembly is
fitted with mounting end
sections on both ends for
easy installation on to
the panel.
The terminal has marker
holding recessess on
three sides to accept
marking tags. Cross con-
nection can be achieved
with the aid of insulated
jumpers.
The CSCP2.5T2 panel
mount terminal blocks
have two connection
points on each side all
with the same potential.
The terminals provide
possibility of further mul-
tiplication through
jumpering.
CSCP2.5T
EPCSCP2.5T
CSCP2.5T2
EPCSCP2.5T
CUS
CUS
Altech Corp.® • 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
58
COLOR BLOCKS
(other than grey standard)
When ordering please add
color suffix to Cat. No.
Example: CTS2.5U-N/R
Color
Ordering Suffix
Red
R
Blue
BU
Black
BL
Orange
O
Green
G
Yellow
Y
White
W
Beige
BG
Dark Brown
DB
E220514
E220514



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com