Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1791CS Datasheet(PDF) 11 Page - Linear Technology

Part # LT1791CS
Description  60V Fault Protected RS485/RS422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1791CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1791CS Datasheet HTML 7Page - Linear Technology LT1791CS Datasheet HTML 8Page - Linear Technology LT1791CS Datasheet HTML 9Page - Linear Technology LT1791CS Datasheet HTML 10Page - Linear Technology LT1791CS Datasheet HTML 11Page - Linear Technology LT1791CS Datasheet HTML 12Page - Linear Technology LT1791CS Datasheet HTML 13Page - Linear Technology LT1791CS Datasheet HTML 14Page - Linear Technology LT1791CS Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT1785/LT1785A/
LT1791/LT1791A
11
178491fb
APPLICATIONS INFORMATION
Slew Limiting for EMI Emissions Control
The LT1785/LT1791 feature controlled driver output slew
rates to control high frequency EMI emissions from equip-
ment and data cables. The slew limiting limits data rate
operation to 250kbaud. Slew limiting also mitigates the
adverse affects of imperfect transmission line termina-
tion caused by stubs or mismatched cable. In some low
speed, short distance networks, cable termination may
be eliminated completely with no adverse effect on data
transmission.
Data Network Cable Selection and Termination
Long distance data networks operating at high data trans-
mission rates should use high quality, low attenuation
cable with well-matched cable terminations. Short distance
networks at low data rates may use much less expensive
PVC cable. These cables have characteristic impedances
as low as 72Ω. The LT1785/LT1791 output drivers are
guaranteed to drive cables as low as 72Ω.
Figure 9. Full-Duplex RS422
5
4
3
2
A
B
Z
Y
12
11
10
9
RO
RE
DE
DI
178591 F09
TX
120Ω
5
4
3
2
A
B
Z
Y
12
11
10
9
RO
LT1791
LT1791
RE
DE
DI
RX
TX
120Ω
RX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com