Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1791CS Datasheet(PDF) 6 Page - Linear Technology

Part # LT1791CS
Description  60V Fault Protected RS485/RS422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1791CS Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1791CS Datasheet HTML 2Page - Linear Technology LT1791CS Datasheet HTML 3Page - Linear Technology LT1791CS Datasheet HTML 4Page - Linear Technology LT1791CS Datasheet HTML 5Page - Linear Technology LT1791CS Datasheet HTML 6Page - Linear Technology LT1791CS Datasheet HTML 7Page - Linear Technology LT1791CS Datasheet HTML 8Page - Linear Technology LT1791CS Datasheet HTML 9Page - Linear Technology LT1791CS Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LT1785/LT1785A/
LT1791/LT1791A
6
178591fb
TYPICAL PERFORMANCE CHARACTERISTICS
LT1785 Input Characteristics Pins
A or B; DE = RE = 0V
Supply Current vs Temperature
Receiver Propagation Delay
vs Differential Input Voltage
Driver Differential Output Voltage
vs Load Resistance
Driver Differential Output Voltage
vs Temperature
Receiver Propagation Delay
vs Temperature
Driver Propagation Delay
vs Temperature
LT1791 Driver Output Leakage
DE = 0V
LT1791 Receiver Input Current
vs VIN
LOAD RESISTANCE (Ω)
10
4
3
2
1
0
100
1k
178591 G01
TA = 25°C
TEMPERATURE (°C)
–40
3.0
2.5
2.0
1.5
1.0
0.5
0
0
40
60
178591 G02
–20
20
80
100
R = 27Ω
TEMPERATURE (°C)
–40
1000
800
600
400
200
0
0
40
60
178591 G03
–20
20
80
100
tPLH
tPHL
TEMPERATURE (°C)
–40
1000
900
800
700
600
500
400
300
200
100
0
0
40
60
178591 G04
–20
20
80
100
HL
LH
1mA/DIV
178591 G05
–60V
VIN
60V
200μA/DIV
178591 G06
–60V
VIN
60V
1mA/DIV
178591 G07
–60V
VA, VB
60V
TEMPERATURE (°C)
–40
7
6
5
4
3
2
1
0
0
40
60
178591 G08
–20
20
80
100
RECEIVER ONLY
STANDBY
DRIVER AND
RECEIVER ON
VIN DIFFERENTIAL (V)
0
700
600
500
400
300
200
100
0
178591 G09
2
5
1
34
HL VCM = 12V
HL VCM = –7V
LH VCM = –7V
LH VCM = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com