Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS56 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAS56
Description  High-Speed Double Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAS56 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAS56 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAS56 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
Unit: mm
High-Speed Double Diode
BAS56
Features
Small plastic SMD package
High switching speed: max. 6 ns
Continuous reverse voltage:max. 60 V
Repetitive peak reverse voltage:max. 60 V
Repetitive peak forward current:max. 600 mA.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Test Condition
Min
Max
Unit
60
series connection
120
60
series connection
120
single diode loaded;
200
double diode loaded;
150
single diode loaded
600
double diode loaded
430
square wave; Tj =25
prior to surge
t= 1
s
9
t = 100
s
3
t = 10 ms
1.7
total power dissipation
Ptot
Tamb = 25
250
mW
storage temperature
Tstg
-65
+150
junction temperature
Tj
150
thermal resistance from junction to tie-point
Rth j-tp
360
K/W
thermal resistance from junction to ambient
Rth j-a
500
K/W
IFRM
V
V
mA
mA
A
non-repetitive peak forward current
IFSM
repetitive peak reverse voltage
VRRM
continuous reverse voltage
VR
continuous forward current
IF
repetitive peak forward current


Similar Part No. - BAS56

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS56 PHILIPS-BAS56 Datasheet
38Kb / 8P
High-speed double diode
1996 Sep 10
logo
Central Semiconductor C...
BAS56 CENTRAL-BAS56 Datasheet
93Kb / 2P
DUAL HIGH CURRENT SWITCHING DIODE
logo
NXP Semiconductors
BAS56 NXP-BAS56 Datasheet
136Kb / 10P
High-speed double diode
1996 Sep 10
logo
Shenzhen Luguang Electr...
BAS56 LUGUANG-BAS56 Datasheet
281Kb / 4P
High-speed Double Diode
logo
Nexperia B.V. All right...
BAS56 NEXPERIA-BAS56 Datasheet
862Kb / 12P
High-speed double diode
Rev. 3 - 29 June 2010
More results

Similar Description - BAS56

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS300 PHILIPS-1PS300 Datasheet
52Kb / 8P
High-speed double diode
1999 May 26
1PS301 PHILIPS-1PS301 Datasheet
52Kb / 8P
High-speed double diode
1999 May 06
BAV70W PHILIPS-BAV70W Datasheet
58Kb / 12P
High-speed double diode
1999 May 05
logo
Guangdong Kexin Industr...
BAS28 KEXIN-BAS28 Datasheet
40Kb / 2P
High-Speed Double Diode
KAV70 KEXIN-KAV70 Datasheet
74Kb / 3P
High-Speed Double Diode
logo
NXP Semiconductors
1PS300 NXP-1PS300 Datasheet
127Kb / 8P
High-speed double diode
1996 Oct 04
logo
Shenzhen Luguang Electr...
BAS56 LUGUANG-BAS56 Datasheet
281Kb / 4P
High-speed Double Diode
logo
NXP Semiconductors
BAV74 PHILIPS-BAV74_15 Datasheet
133Kb / 9P
High-speed double diode
2004 Jan 14
logo
Micro Commercial Compon...
BAS28 MCC-BAS28 Datasheet
376Kb / 3P
High-Speed Double Diode
logo
Nexperia B.V. All right...
PMBD7100 NEXPERIA-PMBD7100 Datasheet
320Kb / 11P
High-speed double diode
2003 Nov 07
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com