Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW101S Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAW101S
Description  High Voltage Double Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAW101S Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAW101S Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAW101S Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
SOT-363
Unit: mm
1.3+0.1
-0.1
0.65
0.1+0.05
-0.02
0.3+0.1
-0.1
2.1+0.1
-0.1
High Voltage Double Diode
BAW101S
Features
Small plastic SMD package
High switching speed: max. 50 ns
High continuous reverse voltage: 300 V
Electrically insulated diodes.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Conditions
Min
Max
Unit
300
series connection
600
300
series connection
600
single diode loaded;
250
double diode loaded;
140
repetitive peak forward current
IFRM
625
mA
non-repetitive peak forward current
IFSM
square wave; Tj =25
prior to surge;t = 1
s
4.5
A
total power dissipation
Ptot
Ts = 25
350
mW
storage temperature
Tstg
-65
+150
junction temperature
Tj
150
operating ambient temperature
Tamb
-65
+150
thermal resistance from junction to soldering point
Rth j-s
255
K/W
thermal resistance from junction to ambient
Rth j-a
357
K/W
Per diode
continuous forward current
IF
continuous reverse voltage
VR
V
repetitive peak forward current
VRRM
V
mA


Similar Part No. - BAW101S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAW101S PHILIPS-BAW101S Datasheet
72Kb / 10P
High voltage double diode
2003 May 13
BAW101S NXP-BAW101S Datasheet
128Kb / 9P
High voltage double diode
2003 May 13
logo
Diodes Incorporated
BAW101S DIODES-BAW101S Datasheet
97Kb / 4P
HIGH VOLTAGE DUAL SWITCHING DIODE
DS32177 Rev. 4 - 2
logo
Nexperia B.V. All right...
BAW101S NEXPERIA-BAW101S Datasheet
225Kb / 9P
High voltage double diode
1 October 2022
logo
Diodes Incorporated
BAW101S-7 DIODES-BAW101S-7 Datasheet
97Kb / 4P
HIGH VOLTAGE DUAL SWITCHING DIODE
DS32177 Rev. 4 - 2
More results

Similar Description - BAW101S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAW101S PHILIPS-BAW101S Datasheet
72Kb / 10P
High voltage double diode
2003 May 13
logo
List of Unclassifed Man...
25Z6GT ETC2-25Z6GT Datasheet
107Kb / 2P
TWIN DIODE HIGH VACUUM RECTIFIER VOLTAGE DOUBLE
logo
NXP Semiconductors
BAW101S NXP-BAW101S Datasheet
128Kb / 9P
High voltage double diode
2003 May 13
logo
Shenzhen Luguang Electr...
BAW101 LUGUANG-BAW101 Datasheet
160Kb / 5P
High Voltage Double Diode
logo
NXP Semiconductors
BAW101-215 PHILIPS-BAW101-215 Datasheet
136Kb / 9P
High voltage double diode
2003 May 13
BAW101 PHILIPS-BAW101_15 Datasheet
136Kb / 9P
High voltage double diode
2003 May 13
BAW101S PHILIPS-BAW101S_15 Datasheet
128Kb / 9P
High voltage double diode
2003 May 13
logo
Nexperia B.V. All right...
BAW101S-Q NEXPERIA-BAW101S-Q Datasheet
214Kb / 10P
High voltage double diode
14 September 2021
BAW101S NEXPERIA-BAW101S Datasheet
225Kb / 9P
High voltage double diode
1 October 2022
BAW101 NEXPERIA-BAW101 Datasheet
311Kb / 10P
High voltage double diode
2003 May 13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com