Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW101S Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAW101S
Description  High Voltage Double Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAW101S Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BAW101S Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAW101S Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Diodes
2
www.kexin.com.cn
BAW101S
Electrical Characteristics Ta = 25
Parameter
Symbol
Conditions
Min
Max
Unit
reverse breakdown voltage
VBR(R)
IR = 100
A
300
forward voltage
VF
IF = 100 mA; note 1
1.1
mV
VR = 25 V
150
nA
VR = 250 V; Tamb = 150
50
A
when switched from IF =30mA toIR =30mA;
RL = 100
; measured at IR =3mA;
diode capacitance
Cd
VR = 0;f= 1 MHz;
2
pF
Note
1. Pulse test: pulse width = 300
s; ä = 0.02.
50
ns
reverse current
IR
reverse recovery time
trr
Marking
Marking
K2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com