Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC43 Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC43
Description  LINEAR BUILDING BLOCK - VOLTAGE REFERENCE, DUAL OP AMP, DUAL COMPARATOR WITH SHUTDOWN MODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC43 Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC43 Datasheet HTML 1Page - TelCom Semiconductor, Inc TC43 Datasheet HTML 2Page - TelCom Semiconductor, Inc TC43 Datasheet HTML 3Page - TelCom Semiconductor, Inc TC43 Datasheet HTML 4Page - TelCom Semiconductor, Inc TC43 Datasheet HTML 5Page - TelCom Semiconductor, Inc TC43 Datasheet HTML 6Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
TC43
LINEAR BUILDING BLOCK –
VOLTAGE REFERENCE, DUAL OP AMP,
DUAL COMPARATOR WITH SHUTDOWN MODE
PRELIMINARY INFORMATION
GENERAL DESCRIPTION
The TC43 is a mixed-function device combining two
general purpose op amps, two general purpose compara-
tors and a voltage reference in a single 16-pin package.
This increased integration allows the user to replace
two or three packages, saving space, lowering supply
current, and increasing system performance. A Shutdown
input, SHDN, disables the op amps and one of the compara-
tors, placing their outputs in a high-impedance state. The
reference and one comparator stay active in Shutdown
Mode. Standby power consumption is typically 5
µA.
The TC43 is designed specifically for operation from a
single supply, however, operation from dual supplies is also
possible, and the power supply current drain is independent
of the magnitude of the power supply voltage.
Packaged in a 16-pin narrow SOIC (0.150 wide) or
16-pin DIP, the TC43 is ideal for applications requiring high
integration, small size and low power.
LINEAR BUILDING BLOCK – VOLTAGE REFERENCE, DUAL OP AMP,
DUAL COMPARATOR WITH SHUTDOWN MODE
TC43
FUNCTIONAL BLOCK DIAGRAM
FEATURES
s
Combines Two Op Amps, Two Comparators and a
Voltage Reference into a Single Package
s
Optimized for Single Supply Operation
s
Small Package .......... 16-Pin SOIC or DIP (Narrow)
s
Ultra Low Input Bias Current ...... Less than 100pA
s
Low Quiescent
Current ..................... 10
µA, 5µA in Shutdown Mode
s
Reference and One Comparator Remain Active in
Shutdown to Provide Supervisory Functions
APPLICATIONS
s
Power Supply Circuits
s
Embedded Systems
s
Instrumentation
s
Portable Equipment
s
Consumer Products
s
Replacements for Discrete Components
ORDERING INFORMATION
Part No.
Package
Temp. Range
TC43COR
16-Pin SOIC (Narrow)
0
°C to +70°C
TC43CPR
16-Pin Plastic DIP (Narrow)
0
°C to +70°C
TC43EOR
16-Pin SOIC (Narrow)
– 40
°C to +85°C
TC43EPR
16-Pin Plastic DIP (Narrow)
– 40
°C to +85°C
TC43EV
Evaluation Kit for TC43
TC43CPR
TC43EPR
1
2
3
4
16
15
14
A1
IN+
A1
IN–
A2
IN+
A1
OUT
A2
OUT
A2
IN–
C1
IN+
C1
IN–
C2
IN+
C2
IN–
C1
OUT
C2
OUT
SHDN
V
SS
V
REF
V
DD
V
DD
5
6
7
8
13
12
11
10
9
TC43COR
TC43EOR
1
2
3
4
16
15
14
A1
IN+
A1
IN–
A2
IN+
A1
OUT
A2
OUT
A2
IN–
C1
IN+
C1
IN–
C2
IN+
C2
IN–
C1
OUT
C2
OUT
SHDN
V
SS
V
REF
5
6
7
8
13
12
11
10
9
V
REF+
A1
IN+
A1
IN–
A2
IN+
A1
OUT
A2
OUT
A2
IN–
C1
IN+
C1
IN–
C2
IN+
C2
IN–
C1
OUT
C2
OUT
SHDN
V
SS
V
DD
AMP 1
+
AMP 2
CMPTR 1
+
+
CMPTR 2
+
PIN CONFIGURATIONS (DIP and SOIC)
TC43-1 3/12/97
TelCom Semiconductor reserves the right to make changes in the circuitry and specifications of its devices.
EVALUATION
KIT
AVAILABLE


Similar Part No. - TC43

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TC4308I TOKEN-TC4308I Datasheet
398Kb / 4P
Chip RFID Transponder Coils
TC4308I-112J TOKEN-TC4308I-112J Datasheet
398Kb / 4P
Chip RFID Transponder Coils
TC4308I-202J TOKEN-TC4308I-202J Datasheet
398Kb / 4P
Chip RFID Transponder Coils
TC4308I-242J TOKEN-TC4308I-242J Datasheet
398Kb / 4P
Chip RFID Transponder Coils
TC4308I-332J TOKEN-TC4308I-332J Datasheet
398Kb / 4P
Chip RFID Transponder Coils
More results

Similar Description - TC43

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC1026 TELCOM-TC1026 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - LOW POWER COMPARATOR WITH OP AMP AND VOLTAGE REFERENCE
TC1028 TELCOM-TC1028 Datasheet
26Kb / 1P
LINEAR BUILDING BLOCK - QUAD LOW POWER COMPARATOR AND VOLTAGE REFERENCE WITH SHUTDOWN
TC1029 TELCOM-TC1029 Datasheet
25Kb / 1P
LINEAR BUILDING BLOCK - DUAL LOW POWER OP AMP
logo
Microchip Technology
TC1031 MICROCHIP-TC1031 Datasheet
430Kb / 12P
Linear Building Block . Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2002
TC1040 MICROCHIP-TC1040 Datasheet
444Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
2002
TC1041 MICROCHIP-TC1041 Datasheet
443Kb / 14P
Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
2002
TC1043 MICROCHIP-TC1043 Datasheet
508Kb / 20P
Linear Building Block . Low Power Voltage Reference with Dual Op Amp, Dual Comparator, and Shutdown Mode
2002
TC1026 MICROCHIP-TC1026 Datasheet
517Kb / 18P
Linear Building Block - Low Power Comparator with Op Amp and Voltage Reference
2002
TC1029 MICROCHIP-TC1029 Datasheet
486Kb / 14P
Linear Building Block - Dual Low Power Op Amp
2002
TC1031 MICROCHIP-TC1031_05 Datasheet
257Kb / 14P
Linear Building Block - Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown
2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com