Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFS19 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BFS19
Description  NPN Medium Frequency Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BFS19 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BFS19 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Type
Transistors
www.kesenes.com
1
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
NPN Medium Frequency Transistor
BFS19
Absolute Maximum Ratings TA=25
Parameter
Symbol
Max
Unit
Collector-base voltage (Emitter open)
VCBO
30
V
Collector-emitter voltage (Base open)
VCEO
20
V
Emitter-base voltage (Collector open)
VEBO
5V
Collector current
IC
30
mA
Peak collector current
ICM
30
mA
Total power dissipation
Ptot
250
mW
Storage temperature
Tstg
150
Junction temperature
Tj
150
Operating ambient temperature
Tamb
150
Electrical Characteristics TA=25
3
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base Breakdown voltage
BVCBO
IC = 100 ìA , IE =0
30
V
Collector-emitter Breakdown voltage
BVCEO
IC =1mA , IB =0
20
V
Emitter-base Breakdown voltage
BVEBO
IE = 100 ìA , IC =0
5
V
Collector-base cutoff current
ICBO
VCB =20V , IE =0
VCB =20V , IE = 0, Tj = 100
100
10
nA
ìA
Emitter-base cutoff current
IEBO
VEB =5.0 V , IC = 0
100
nA
Forward current transfer ratio
hFE
VCE =10V , IC = 1.0 mA
65
225
Emitter-base voltage
VBE
VCE =10V , IC = 1.0 mA
650
740
mV
Transition frequency
fT
VCE =10V , IC = 1 mA ,f = 100 MHZ
260
MHz
Collector capacitance
CC
VCB =10V , IE =1mA ,f =1MHZ
1
pF
Feedback capacitance
Cre
VCB =10V , IC = 0 mA, f = 1 MHz
0.85
pF
Marking
Marking
F2
Features
Low current (max. 30 mA)
Low Voltage (max. 20 V)
www.kexin.com.cn


Similar Part No. - BFS19

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFS19 PHILIPS-BFS19 Datasheet
41Kb / 8P
NPN medium frequency transistor
1999 Apr 15
logo
Siemens Semiconductor G...
BFS19 SIEMENS-BFS19 Datasheet
49Kb / 2P
npn silicon rf transistor
logo
Diotec Semiconductor
BFS19 DIOTEC-BFS19 Datasheet
174Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
logo
NXP Semiconductors
BFS19 NXP-BFS19 Datasheet
105Kb / 7P
NPN medium frequency transistor
2004 Jan 05
logo
Nexperia B.V. All right...
BFS19 NEXPERIA-BFS19 Datasheet
284Kb / 8P
NPN medium frequency transistor
2004 Jan 05
More results

Similar Description - BFS19

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF199 PHILIPS-BF199 Datasheet
54Kb / 8P
NPN medium frequency transistor
1997 Jul 07
BF240 PHILIPS-BF240 Datasheet
41Kb / 8P
NPN medium frequency transistor
1999 Apr 21
BF840 PHILIPS-BF840 Datasheet
41Kb / 8P
NPN medium frequency transistor
1999 Apr 12
logo
Guangdong Kexin Industr...
BF840 KEXIN-BF840 Datasheet
36Kb / 1P
NPN Medium Frequency Transistor
logo
NXP Semiconductors
BF570 NXP-BF570 Datasheet
111Kb / 6P
NPN medium frequency transistor
2004 Mar 15
BFS20 NXP-BFS20 Datasheet
105Kb / 6P
NPN medium frequency transistor
2004 Feb 05
BFS20W NXP-BFS20W Datasheet
119Kb / 7P
NPN medium frequency transistor
1999 Apr 21
logo
Nexperia B.V. All right...
BF570 NEXPERIA-BF570 Datasheet
299Kb / 7P
NPN medium frequency transistor
2004 Mar 15
BFS19 NEXPERIA-BFS19 Datasheet
284Kb / 8P
NPN medium frequency transistor
2004 Jan 05
BFS20W NEXPERIA-BFS20W Datasheet
296Kb / 8P
NPN medium frequency transistor
1999 Apr 21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com