Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2880 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SC2880
Description  High Voltage Switching Applications
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SC2880 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  2SC2880 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SC2880 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SC2880 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
Transistors
www.kexin.com.cn
1
High Voltage Switching Applications
2SC2880
Features
High Voltage : VCEO = 150V
High Transition Frequency : fT = 120MHz(typ.)
Small Flat Package
Complementary to 2SA1200
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-Emitter Voltage
VCEO
150
V
Collector-Base Voltage
VCBO
200
V
Emitter-Base Voltage
VEBO
5V
Collector Current
IC
50
mA
Base Current
IB
10
mA
PC
500
PC *
800
Jumction temperature
Tj
150
Storage temperature
Tstg
-55to+150
* Mounted on a ceramic substrate (250 mm
2 x 0.8 t)
Collector Power Dissipation
mW
Electrical Characteristics Ta = 25
Parameter
Symbol
Testconditons
Min
Typ
Max
Unit
Emitter Cut-off Current
IEBO
VEB =5V , IC =0
0.1
A
Collector Cut-off Current
ICBO
VCB = 200V , IE =0
0.1
A
DC Current Gain
hFE
VCE =5V , IC = 10mA
70
240
Collector-Emitter Saturation Voltage
VCE(sat) IC = 10mA , IB =1mA
0.5
V
Base-Emitter Voltage
VBE
VCE =5V , IC = 30mA
1
V
Transtion Frequency
fT
VCE = 30V , IC = 10mA
120
MHz
Collector Output Capacitance
Cob
VCB = 10V , IE = 0 , f = 1MHz
3.5
5.0
pF
hFE Classification
Marking
Rank
O
Y
hFE
70
140
120
240
A


Similar Part No. - 2SC2880

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2880 TOSHIBA-2SC2880 Datasheet
188Kb / 3P
TRANSISTOR (HIGH VOLTAGE SWITCHING APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC2880-HF KEXIN-2SC2880-HF_15 Datasheet
1Mb / 3P
NPN Transistors
2SC2880-O KEXIN-2SC2880-O Datasheet
1Mb / 3P
NPN Transistors
2SC2880-O-HF KEXIN-2SC2880-O-HF Datasheet
1Mb / 3P
NPN Transistors
2SC2880-Y KEXIN-2SC2880-Y Datasheet
1Mb / 3P
NPN Transistors
More results

Similar Description - 2SC2880

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
High-Voltage Switching Applications
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
High-Voltage Switching Applications
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
High-Voltage Switching Applications
logo
Toshiba Semiconductor
1SS403 TOSHIBA-1SS403_07 Datasheet
179Kb / 4P
High Voltage Switching Applications
2SA1972 TOSHIBA-2SA1972_07 Datasheet
150Kb / 4P
High-Voltage Switching Applications
logo
Guangdong Kexin Industr...
2SA1419 KEXIN-2SA1419 Datasheet
511Kb / 3P
High-Voltage Switching Applications
2SA1415 KEXIN-2SA1415 Datasheet
412Kb / 3P
High-Voltage Switching Applications
2SA1416 KEXIN-2SA1416 Datasheet
509Kb / 3P
High-Voltage Switching Applications
2SC4135 KEXIN-2SC4135 Datasheet
45Kb / 2P
High-Voltage Switching Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com