Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4467CPD Datasheet(PDF) 9 Page - TelCom Semiconductor, Inc

Part # TC4467CPD
Description  LOGIC-INPUT CMOS QUAD DRIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4467CPD Datasheet(HTML) 9 Page - TelCom Semiconductor, Inc

  TC4467CPD Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4467CPD Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4467CPD Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4467CPD Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4467CPD Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4467CPD Datasheet HTML 6Page - TelCom Semiconductor, Inc TC4467CPD Datasheet HTML 7Page - TelCom Semiconductor, Inc TC4467CPD Datasheet HTML 8Page - TelCom Semiconductor, Inc TC4467CPD Datasheet HTML 9Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
4-269
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TYPICAL APPLICATIONS
4.7 k
Ω
TC4469
48-Volt, 3-Phase Brushless Output Stage
1
2
3
4
5
6
8
9
1B
2A
2B
3A
3B
4A
4B
1Y
2Y
3Y
4Y
GND
U1
13
12
11
10
TC4469
1
2
3
4
5
6
8
9
1A
1B
2A
2B
3A
3B
4A
4B
1Y
2Y
3Y
4Y
13
12
11
10
48V
14
7
15V
14
7
GND
VDD
R4
3.3
k
Ω
D2
D3
D4
R1
3.3
k
Ω
5W
R9
R10
R11
Q1
Q2
Q3
2N5550
2N5550
2N5550
1A
A+
B+
C+
A–
B–
C–
C1
1 µF
D1
1N4744
15V
R2
3.3
k
Ω
R3
3.3
k
Ω
MOTOR
MOTOR
MOTOR
4.7 k
Ω
4.7 k
Ω
U2
VDD
PHASE A
PHASE B
PHASE C
(FLOAT AT 33V)
R7
R6
R5
+12V
14
7
1
2
Stepper Motor Drive
TC4469
13
3
4
12
5
6
11
8
9
10
A
B
+5V TO +15V
14
Quad Driver for H-Bridge Motor Control
TC4469
DIRECTION
PWM SPEED
18V
FWD
13
12
11
10
7
9
8
6
5
4
3
2
1
REV
MOTOR
MOTOR
M
RED
GRAY
YEL
BLK
AIRPAX
#M82102-P2
7.5
°/STEP
LOGIC-INPUT CMOS
QUAD DRIVERS
TC4467
TC4468
TC4469



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com