Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4467CPD Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC4467CPD
Description  LOGIC-INPUT CMOS QUAD DRIVERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC4467CPD Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC4467CPD Datasheet HTML 1Page - TelCom Semiconductor, Inc TC4467CPD Datasheet HTML 2Page - TelCom Semiconductor, Inc TC4467CPD Datasheet HTML 3Page - TelCom Semiconductor, Inc TC4467CPD Datasheet HTML 4Page - TelCom Semiconductor, Inc TC4467CPD Datasheet HTML 5Page - TelCom Semiconductor, Inc TC4467CPD Datasheet HTML 6Page - TelCom Semiconductor, Inc TC4467CPD Datasheet HTML 7Page - TelCom Semiconductor, Inc TC4467CPD Datasheet HTML 8Page - TelCom Semiconductor, Inc TC4467CPD Datasheet HTML 9Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
4-261
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
LOGIC-INPUT CMOS QUAD DRIVERS
FEATURES
s
High Peak Output Current ............................... 1.2A
s
Wide Operating Range ............................ 4.5 to 18V
s
Symmetrical Rise and Fall Times ................ 25nsec
s
Short, Equal Delay Times ............................ 75nsec
s
Latchproof! Withstands 500mA Inductive Kickback
s
3 Input Logic Choices
— AND / NAND / AND + Inv
s
2kV ESD Protection on All Pins
APPLICATIONS
s
General-Purpose CMOS Logic Buffer
s
Driving All Four MOSFETs in an H-Bridge
s
Direct Small Motor Driver
s
Relay or Peripheral Drivers
s
CCD Driver
s
Pin-Switching Network Driver
ORDERING INFORMATION
Part No.
Package
Temp. Range
TC446xCOE
16-Pin SOIC (Wide)
0
° to +70°C
TC446xCPD
14-Pin Plastic DIP
0
° to +70°C
TC446xEJD
14-Pin CerDIP
– 40
° to +85°C
TC446xMJD
14-Pin CerDIP
– 55
° to +125°C
GENERAL DESCRIPTION
The TC446X family of four-output CMOS buffer/drivers
are an expansion from our earlier single- and dual-output
drivers. Each driver has been equipped with a two-input
logic gate for added flexibility.
The TC446X drivers can source up to 250 mA into loads
referenced to ground. Heavily loaded clock lines, coaxial
cables, and piezoelectric transducers can all be easily
driven with the 446X series drivers. The only limitation on
loading is that total power dissipation in the IC must be kept
within the power dissipation limits of the package.
The TC446X series will not latch under any conditions
within their power and voltage ratings. They are not subject
to damage when up to 5V of noise spiking (either polarity)
occurs on the ground line. They can accept up to half an amp
of inductive kickback current (either polarity) into their out-
puts without damage or logic upset. In addition, all terminals
are protected against ESD to at least 2000V.
TC4467
TC4468
TC4469
x indicates a digit must be added in this position to define the device
input configuration: TC446x — 7
NAND
8
AND
9
AND with INV
LOGIC DIAGRAMS
TC4468
TC4467
OUTPUT
TC446X
VDD
VDD
14
7
1Y
13
1
2
1B
1A
2Y
12
3
4
2B
2A
3Y
11
5
6
3B
3A
4Y
10
8
9
4B
4A
GND
TC4469
VDD
14
7
1Y
13
1
2
1B
1A
2Y
12
3
4
2B
2A
3Y
11
5
6
3B
3A
4Y
10
8
9
4B
4A
GND
VDD
14
7
1Y
13
1
2
1B
1A
2Y
12
3
4
2B
2A
3Y
11
5
6
3B
3A
4Y
10
8
9
4B
4A
GND
TC4467/8/9-6 10/21/96


Similar Part No. - TC4467CPD

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC4467CPD MICROCHIP-TC4467CPD Datasheet
391Kb / 22P
Logic-Input CMOS Quad Drivers
05/16/02
TC4467CPD MICROCHIP-TC4467CPD Datasheet
491Kb / 22P
Logic-Input CMOS Quad Drivers
05/16/02
More results

Similar Description - TC4467CPD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC157 TI-CD74HC157 Datasheet
39Kb / 8P
High Speed CMOS Logic Quad 2-Input Multiplexers
logo
Microchip Technology
TC4467 MICROCHIP-TC4467 Datasheet
475Kb / 22P
Logic-Input CMOS Quad Drivers
2002
logo
Texas Instruments
CD54HC157 TI-CD54HC157 Datasheet
275Kb / 13P
High-Speed CMOS Logic Quad 2-Input Multiplexers
logo
Harris Corporation
74HC158 HARRIS-74HC158 Datasheet
24Kb / 6P
High Speed CMOS Logic Quad 2-Input Multiplexers
logo
Texas Instruments
CD54HC157 TI-CD54HC157_08 Datasheet
462Kb / 15P
High-Speed CMOS Logic Quad 2-Input Multiplexers
logo
Microchip Technology
TC4467 MICROCHIP-TC4467_13 Datasheet
393Kb / 22P
Logic-Input CMOS Quad Drivers
11/27/12
TC4469COE713 MICROCHIP-TC4469COE713 Datasheet
391Kb / 22P
Logic-Input CMOS Quad Drivers
05/16/02
TC4468EOE MICROCHIP-TC4468EOE Datasheet
491Kb / 22P
Logic-Input CMOS Quad Drivers
05/16/02
TC4467EOE MICROCHIP-TC4467EOE Datasheet
491Kb / 22P
Logic-Input CMOS Quad Drivers
05/16/02
logo
Texas Instruments
CD54HC157 TI1-CD54HC157_15 Datasheet
457Kb / 16P
High-Speed CMOS Logic Quad 2-Input Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com