Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC510COG Datasheet(PDF) 14 Page - TelCom Semiconductor, Inc

Part # TC510COG
Description  PRECISION ANALOG FRONT ENDS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC510COG Datasheet(HTML) 14 Page - TelCom Semiconductor, Inc

Back Button TC510COG Datasheet HTML 9Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 10Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 11Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 12Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 13Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 14Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 15Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 16Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 17Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
3-32
TELCOM SEMICONDUCTOR, INC.
PRECISION ANALOG FRONT ENDS
TC500
TC500A
TC510
TC514
Figure 8. TC510 Design Example (See "Design Example")
Figure 9. TC510 to IBM Compatible Printer Port
MICRO
CONTROLLER
INPUT+
INPUT –
+5V
+5V
PIN 2
PIN 19
PIN 2
PIN 19
CINT
0.33
µF
VIN
TYPICAL WAVEFORMS
1
µF
1
µF
CAZ
0.22
µF
CREF
VIN
RINT
100k
1
2
3
4
16
15
CAP
5
6
7
9
19
18
17
8
21
22
23
24
DGND
V
V
OUT
A
B
C
REF
C
INT
C
AZ
BUF
ACOM
TC510
CREF
REF
V
REF
–
+
–
–
+
VIN
VIN
+
–
–
CAP +
V
DD
CMPTR
0.22
µF
C1
0.01
µF
R2
10k
R1
10k
+5V
TC05
+
–
R3, 10k
PC
PRINTER
PORT
PORT
0378
HEX
INPUT
+
–
+5V
10k
Ω
10k
10k
100k
Ω
100k
Ω
1
µF
1
µF
1
21
2
2
3
3
4
16
15
CAP
5
6
7
8
19
10
18
17
9
22
23
24
DGND
V
V
OUT
V
DD
A
B
C
REF
C
INT
C
AZ
BUF
ACOM
TC510
TC04
CREF
REF
V
REF
–
+
–
+
VIN
V
IN
+
–
–
–
CAP
+
CMPTR
0.22
µF
0.22
µF
0.01
µF
0.01
µF
0.33
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com