Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC510COG Datasheet(PDF) 5 Page - TelCom Semiconductor, Inc

Part # TC510COG
Description  PRECISION ANALOG FRONT ENDS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC510COG Datasheet(HTML) 5 Page - TelCom Semiconductor, Inc

  TC510COG Datasheet HTML 1Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 2Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 3Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 4Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 5Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 6Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 7Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 8Page - TelCom Semiconductor, Inc TC510COG Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
3-23
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
PIN DESCRIPTION
Pin No
Pin No
Pin No
(TC500, 500A) (TC510)
(TC514)
Symbol
Description
122
CINT
Integrator output. Integrator capacitor connection.
2
Not Used
Not Used
VSS
Negative power supply input (TC500/500A only).
333
CAZ
Auto-zero input. The Auto-zero capacitor connection.
4
4
4
BUF
Buffer output. The Integrator capacitor connection.
5
5
5
ACOM
This pin is grounded in most applications. It is recommended that
ACOM and the input common pin (V
–
IN or C
–
HN ) be within the
analog common mode range (CMR).
666
C–
REF
Input. Negative reference capacitor connection.
777
C
+
REF
Input. Positive reference capacitor connection.
888
V
–
REF
Input. External voltage reference (–) connection.
999
V
+
REF
Input. External voltage reference (+) connection.
10
15
Not Used
V
–
IN
Negative analog input.
11
16
Not Used
V
+
IN
Positive analog input.
12
18
22
A
Input. Converter phase control MSB. (See input B.)
13
17
21
B
Input. Converter phase control LSB. The states of A, B place the
TC5xx in one of four required phases. A conversion is complete
when all four phases have been executed:
00: Integrator Zero
Phase control input pins: AB =
01: Auto Zero
10: Integrate
11: Deintegrate
14
19
23
CMPTR OUT
Zero crossing comparator output. CMPTR is HIGH during the
Integration phase when a positive input voltage is being integrated
and is LOW when a negative input voltage is being integrated. A
HIGH-to-LOW transition on CMPTR signals the processor that the
Deintegrate phase is completed. CMPTR is undefined during the
Auto-Zero phase. It should be monitored to time the Integrator Zero
phase (see text).
15
23
27
DGND
Input. Digital ground.
16
21
25
VDD
Input. Power supply positive connection.
22
26
CAP
+
Input. Negative power supply converter capacitor (+) connection.
24
28
CAP–
Input. Negative power supply converter capacitor (–) connection.
11
V
–
OUT
Output. Negative power supply converter output and reservoir
capacitor connection. This output can be used to power other
devices in the circuit requiring a negative bias voltage.
20
24
OSC
Oscillator control input. The negative power supply converter normally
runs at a frequency of 100kHz. The converter oscillator frequency can
be slowed down (to reduce quiescent current) by connecting an
external capacitor between this pin and VDD. (See Typical Character-
istics Curves).
18
CH1+
Positive analog input pin. MUX channel 1.
13
CH1
–
Negative analog input pin. MUX channel 1.
17
CH2+
Positive analog input pin. MUX channel 2.
12
CH2–
Negative analog input pin. MUX channel 2.
16
CH3+
Positive analog input pin. MUX channel 3.
11
CH3
–
Negative analog input pin. MUX channel 3.
15
CH4+
Positive analog input pin. MUX channel 4.
PRECISION ANALOG FRONT ENDS
TC500
TC500A
TC510
TC514



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com