Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1965 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1965
Description  1.1A, Low Noise, Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1965 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1965_1 Datasheet HTML 3Page - Linear Technology LT1965_1 Datasheet HTML 4Page - Linear Technology LT1965_1 Datasheet HTML 5Page - Linear Technology LT1965_1 Datasheet HTML 6Page - Linear Technology LT1965_1 Datasheet HTML 7Page - Linear Technology LT1965_1 Datasheet HTML 8Page - Linear Technology LT1965_1 Datasheet HTML 9Page - Linear Technology LT1965_1 Datasheet HTML 10Page - Linear Technology LT1965_1 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LT1965 Series
7
1965fa
TYPICAL PERFORMANCE CHARACTERISTICS
LT1965-1.5 Quiescent Current
LT1965-1.8 Quiescent Current
LT1965-2.5 Quiescent Current
LT1965-3.3 Quiescent Current
LT1965 Quiescent Current
LT1965-1.5 GND Pin Current
(Light Load)
LT1965-1.5 GND Pin Current
(Heavy Load)
LT1965-1.8 GND Pin Current
(Light Load)
LT1965-1.8 GND Pin Current
(Heavy Load)
0
0.2
0.4
0.6
0.8
1.0
0.1
0.3
0.5
0.7
0.9
1965 G14
INPUT VOLTAGE (V)
016
4
8
12
20
14
2
6
10
18
TJ = 25°C
RL = 4.02k
VSHDN = VIN
VSHDN = 0V
0
1
3
5
2
4
1965 G10
INPUT VOLTAGE (V)
0123456789
10
TJ = 25°C
RL = ∞
VSHDN = VIN
VSHDN = 0V
0
1
3
5
2
4
1965 G11
INPUT VOLTAGE (V)
0123456789
10
TJ = 25°C
RL = ∞
VSHDN = VIN
VSHDN = 0V
0
2
6
10
4
8
1965 G12
INPUT VOLTAGE (V)
0123456789
10
TJ = 25°C
RL = ∞
VSHDN = VIN
VSHDN = 0V
0
2
6
10
4
8
1965 G13
INPUT VOLTAGE (V)
0123456789
10
TJ = 25°C
RL = ∞
VSHDN = VIN
VSHDN = 0V
0
5
15
25
10
20
1965 G16
INPUT VOLTAGE (V)
0123456789
10
TJ = 25°C
VSHDN = VIN
*FOR VOUT = 1.5V
RL = 3Ω, IL = 500mA*
RL = 15Ω, IL = 100mA*
RL = 1.363Ω, IL = 1.1A*
0
1
3
5
2
4
1965 G15
INPUT VOLTAGE (V)
0123456789
10
TJ = 25°C
VSHDN = VIN
*FOR VOUT = 1.5V
RL = 30Ω, IL = 50mA*
RL = 150Ω, IL = 10mA*
RL = 1.5k, IL = 1mA*
0
1
3
5
2
4
1965 G17
INPUT VOLTAGE (V)
0123456789
10
TJ = 25°C
VSHDN = VIN
*FOR VOUT = 1.8V
RL = 36Ω, IL = 50mA*
RL = 180Ω, IL = 10mA*
RL = 1.8k, IL = 1mA*
0
5
15
25
10
20
1965 G18
INPUT VOLTAGE (V)
0123456789
10
TJ = 25°C
VSHDN = VIN
*FOR VOUT = 1.8V
RL = 3.6Ω, IL = 500mA*
RL = 18Ω, IL = 100mA*
RL = 1.636Ω, IL = 1.1A*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com