Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1965 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1965
Description  1.1A, Low Noise, Low Dropout Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1965 Datasheet(HTML) 3 Page - Linear Technology

  LT1965_1 Datasheet HTML 1Page - Linear Technology LT1965_1 Datasheet HTML 2Page - Linear Technology LT1965_1 Datasheet HTML 3Page - Linear Technology LT1965_1 Datasheet HTML 4Page - Linear Technology LT1965_1 Datasheet HTML 5Page - Linear Technology LT1965_1 Datasheet HTML 6Page - Linear Technology LT1965_1 Datasheet HTML 7Page - Linear Technology LT1965_1 Datasheet HTML 8Page - Linear Technology LT1965_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT1965 Series
3
1965fa
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT1965EMS8E#PBF
LT1965EMS8E#TRPBF
LTCXX
8-Lead Plastic MSOP
–40°C to 125°C
LT1965IMS8E#PBF
LT1965IMS8E#TRPBF
LTCXX
8-Lead Plastic MSOP
–40°C to 125°C
LT1965EMS8E-1.5#PBF
LT1965EMS8E-1.5#TRPBF LTDKX
8-Lead Plastic MSOP
–40°C to 125°C
LT1965IMS8E-1.5#PBF
LT1965IMS8E-1.5#TRPBF LTDKX
8-Lead Plastic MSOP
–40°C to 125°C
LT1965EMS8E-1.8#PBF
LT1965EMS8E-1.8#TRPBF LTDKZ
8-Lead Plastic MSOP
–40°C to 125°C
LT1965IMS8E-1.8#PBF
LT1965IMS8E-1.8#TRPBF LTDKZ
8-Lead Plastic MSOP
–40°C to 125°C
LT1965EMS8E-2.5#PBF
LT1965EMS8E-2.5#TRPBF LTDMC
8-Lead Plastic MSOP
–40°C to 125°C
LT1965IMS8E-2.5#PBF
LT1965IMS8E-2.5#TRPBF LTDMC
8-Lead Plastic MSOP
–40°C to 125°C
LT1965EMS8E-3.3#PBF
LT1965EMS8E-3.3#TRPBF LTDMF
8-Lead Plastic MSOP
–40°C to 125°C
LT1965IMS8E-3.3#PBF
LT1965IMS8E-3.3#TRPBF LTDMF
8-Lead Plastic MSOP
–40°C to 125°C
LT1965EQ#PBF
LT1965EQ#TRPBF
LT1965Q
5-Lead Plastic DD-PAK
–40°C to 125°C
LT1965IQ#PBF
LT1965IQ#TRPBF
LT1965Q
5-Lead Plastic DD-PAK
–40°C to 125°C
LT1965EQ-1.5#PBF
LT1965EQ-1.5#TRPBF
LT1965Q-1.5
5-Lead Plastic DD-PAK
–40°C to 125°C
LT1965IQ-1.5#PBF
LT1965IQ-1.5#TRPBF
LT1965Q-1.5
5-Lead Plastic DD-PAK
–40°C to 125°C
LT1965EQ-1.8#PBF
LT1965EQ-1.8#TRPBF
LT1965Q-1.8
5-Lead Plastic DD-PAK
–40°C to 125°C
LT1965IQ-1.8#PBF
LT1965IQ-1.8#TRPBF
LT1965Q-1.8
5-Lead Plastic DD-PAK
–40°C to 125°C
LT1965EQ-2.5#PBF
LT1965EQ-2.5#TRPBF
LT1965Q-2.5
5-Lead Plastic DD-PAK
–40°C to 125°C
LT1965IQ-2.5#PBF
LT1965IQ-2.5#TRPBF
LT1965Q-2.5
5-Lead Plastic DD-PAK
–40°C to 125°C
LT1965EQ-3.3#PBF
LT1965EQ-3.3#TRPBF
LT1965Q-3.3
5-Lead Plastic DD-PAK
–40°C to 125°C
LT1965IQ-3.3#PBF
LT1965IQ-3.3#TRPBF
LT1965Q-3.3
5-Lead Plastic DD-PAK
–40°C to 125°C
LT1965ET#PBF
LT1965ET#TRPBF
LT1965T
5-Lead Plastic TO-220
–40°C to 125°C
LT1965IT#PBF
LT1965IT#TRPBF
LT1965T
5-Lead Plastic TO-220
–40°C to 125°C
LT1965ET-1.5#PBF
LT1965ET-1.5#TRPBF
LT1965T-1.5
5-Lead Plastic TO-220
–40°C to 125°C
LT1965IT-1.5#PBF
LT1965IT-1.5#TRPBF
LT1965T-1.5
5-Lead Plastic TO-220
–40°C to 125°C
LT1965ET-1.8#PBF
LT1965ET-1.8#TRPBF
LT1965T-1.8
5-Lead Plastic TO-220
–40°C to 125°C
LT1965IT-1.8#PBF
LT1965IT-1.8#TRPBF
LT1965T-1.8
5-Lead Plastic TO-220
–40°C to 125°C
LT1965ET-2.5#PBF
LT1965ET-2.5#TRPBF
LT1965T-2.5
5-Lead Plastic TO-220
–40°C to 125°C
LT1965IT-2.5#PBF
LT1965IT-2.5#TRPBF
LT1965T-2.5
5-Lead Plastic TO-220
–40°C to 125°C
LT1965ET-3.3#PBF
LT1965ET-3.3#TRPBF
LT1965T-3.3
5-Lead Plastic TO-220
–40°C to 125°C
LT1965IT-3.3#PBF
LT1965IT-3.3#TRPBF
LT1965T-3.3
5-Lead Plastic TO-220
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com