Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMTL717 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # FMMTL717
Description  Medium Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

FMMTL717 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  FMMTL717 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd FMMTL717 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Transistors
0.4+0.1
-0.1
2.9+0.1
-0.1
0.95+0.1
-0.1
1.9+0.1
-0.1
1.Base
2.Emitter
3.collector
12
3
Unit: mm
SOT-23
0.1+0.05
-0.01
Medium Power Transistor
FMMTL717
Features
Very low equivalent on-resistance;RCE(sat)=160mÙ at 1.25A.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
-12
V
Collector-emitter voltage
VCEO
-12
V
Emitter-base voltage
VEBO
-5
V
Collector current
IC
-1.25
A
Peak pulse current
ICM
-4
A
Base current
IB
-200
mA
Power dissipation
Ptot
-500
mW
Operating and storage temperature range
Tj,Tstg
-55to+150


Similar Part No. - FMMTL717

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMTL717 ZETEX-FMMTL717 Datasheet
63Kb / 3P
PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FMMTL717 DIODES-FMMTL717 Datasheet
75Kb / 3P
SOT23 PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
DECEMBER 1997
logo
Fairchild Semiconductor
FMMTL717TA FAIRCHILD-FMMTL717TA Datasheet
75Kb / 3P
PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FMMTL717 DIODES-FMMTL717_15 Datasheet
401Kb / 7P
12V PNP HIGH GAIN MEDIUM POWER TRANSISTOR IN SOT23
Rev 2
More results

Similar Description - FMMTL717

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1132 ROHM-2SB1132 Datasheet
128Kb / 4P
Medium Power Transistor
2SA2090 ROHM-2SA2090 Datasheet
88Kb / 4P
Medium power transistor
logo
Guangdong Kexin Industr...
2SD2537 KEXIN-2SD2537 Datasheet
49Kb / 1P
Medium Power Transistor
FMMT489 KEXIN-FMMT489 Datasheet
35Kb / 1P
Medium Power Transistor
2SA1036K KEXIN-2SA1036K Datasheet
38Kb / 1P
Medium Power Transistor
FMMTL619 KEXIN-FMMTL619 Datasheet
37Kb / 2P
Medium Power Transistor
2SB1182 KEXIN-2SB1182 Datasheet
39Kb / 1P
Medium Power Transistor
2SD1760 KEXIN-2SD1760 Datasheet
40Kb / 1P
Medium Power Transistor
logo
Surge Components
2SB1561U SURGE-2SB1561U Datasheet
485Kb / 3P
medium power transistor
logo
SHIKUES Electronics
2SD1766 SKTECHNOLGY-2SD1766 Datasheet
224Kb / 1P
Medium Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com