Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC70EPA Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC70EPA
Description  MICROMASTER - SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR, WATCHDOG AND BATTERY BACKUP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC70EPA Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC70EPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC70EPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC70EPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC70EPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC70EPA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC70EPA Datasheet HTML 6Page - TelCom Semiconductor, Inc TC70EPA Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
5-7
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC70/71
MICROMASTER™ – SYSTEM SUPERVISOR WITH POWER SUPPLY
MONITOR, WATCHDOG AND BATTERY BACKUP
VCC
VCCO
VBATT
TC70/71
CEI
(TC70)
∆V
DETECTOR
WATCHDOG
TIMER
WDD
(TC70)
CEO
(TC70)
TDO
(TC71)
VREF1
VREF2
VREF3
PF
(TC71)
TDI
(TC71)
RS
BATTERY
BACK-UP
CONTROL
DELAY
TIMER
GND
PIN CONFIGURATIONS (DIP and SOIC)
1
8
27
3
6
4
5
TC70
1
8
27
3
6
4
5
TC71
CEO
VCCO
GND
CEI
VCC
VCCO
GND
TDI
VCC
WDD
VBATT
RS
TDO
PF
VBATT
RS
ORDERING INFORMATION
Part No.
Package
Temp. Range
TC70COA
8-Pin SOIC
0
°C to +70°C
TC70CPA
8-Pin Plastic DIP
0
°C to +70°C
TC70EOA
8-Pin SOIC
– 40
°C to +85°C
TC70EPA
8-Pin Plastic DIP
– 40
°C to +85°C
TC71COA
8-Pin SOIC
0
°C to +70°C
TC71CPA
8-Pin Plastic DIP
0
°C to +70°C
TC71EOA
8-Pin SOIC
– 40
°C to +85°C
TC71EPA
8-Pin Plastic DIP
– 40
°C to +85°C
FUNCTIONAL BLOCK DIAGRAM
FEATURES
s
Maximum Functional Integration: Precision Power
Supply Monitor, Watchdog Timer, External RESET
Override, Threshold Detector and Battery Backup
Controller in an 8-Pin Package
s
Generates Power-on RESET and Guards Against
Unstable Processor Operation Resulting from
Power "Brown-out"
s
Automatically Halts and Restarts an Out-of-
Control Microprocessor
s
Output Can be Wire-ORed, or Hooked to Manual
RESET Pushbutton Switch
s
Watchdog Disable Pin for Easier Prototyping
(TC70)
s
Voltage Monitor for Power Fail or Low Battery
Warning (TC71)
s
Available in 8-Pin Plastic DIP or 8-Pin SOIC
Packages
s
Cost Effective
TYPICAL APPLICATIONS
s
All Microprocessor-based Systems
s
Test Equipment
s
Instrumentation
s
Set-Top Boxes
GENERAL DESCRIPTION
The TC70/71 is a fully-integrated power supply monitor,
watchdog and battery backup circuit in a space-saving
8-pin package.
When power is initially applied, the TC70/71 holds the
processor in its reset state for a minimum of 500msec after
VCC is in tolerance to ensure stable system start-up. After
start-up, processor sanity is monitored by the on-board
watchdog circuit. The processor must provide periodic high-
to-low level transitions to the TC70/71 to verify proper
execution. Should the processor fail to supply this signal
within the specified timeout period, an out-of-control proces-
sor is indicated and the TC70/71 issues a momentary
processor reset as a result. The TC70 also features a
watchdog disable pin to facilitate system test and debug.
The output of the TC70/71 can be wire-ORed to a push-
button switch (or electronic signal) to reset the processor.
When connected to a push-button switch, the TC70/71
provides contact debounce.
The integrated battery backup circuit on-board the TC70/
71 converts CMOS RAM into nonvolatile memory by first
write-protecting, then switching the VCC line of the RAM over
to an external battery.
The TC71 incorporates an additional 1.3V threshold
detector for power fail warning, low battery detection or to
monitor power supply voltages other than +5V.
TC70/71-1 11/18/96


Similar Part No. - TC70EPA

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TC70 CDE-TC70 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
List of Unclassifed Man...
TC704 ETC2-TC704 Datasheet
99Kb / 1P
Kocetal TC704 is Mineral reinforced grade for good dimensional stability.
logo
Allen-Bradley
TC708E ALLEN-BRADLEY-TC708E Datasheet
11Mb / 114P
IEC Contactor Specifications
2021
logo
Cornell Dubilier Electr...
TC70A CDE-TC70A Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
France Joint
TC70X100X10 FRANCEJOINT-TC70X100X10 Datasheet
546Kb / 28P
STANDARD SHAFT SEALS
More results

Similar Description - TC70EPA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC32M TELCOM-TC32M Datasheet
57Kb / 4P
ECONOMONITOR - 3-PIN SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR AND WATCHDOG
logo
IMP, Inc
IMP690A IMP-IMP690A Datasheet
225Kb / 10P
關P POWER SUPPLY SUPERVISOR WITH BATTERY BACKUP SWITCH
logo
Linear Technology
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
logo
Microchip Technology
TC32M MICROCHIP-TC32M Datasheet
450Kb / 12P
ECONOMONITOR?? 3-Pin System Supervisor with Power Supply Monitor and Watchdog
2002
logo
Alliance Semiconductor ...
ASM690 ALSC-ASM690 Datasheet
323Kb / 13P
UP Power Supply Supervisor With Battery Backup Switch
logo
Microchip Technology
TC32M MICROCHIP-TC32M_06 Datasheet
253Kb / 12P
ECONOMONITOR- 3-Pin System Supervisor with Power Supply Monitor and Watchdog
2006
logo
Linear Technology
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
PulseCore Semiconductor
ASM690A PULSECORE-ASM690A Datasheet
348Kb / 15P
關P Power Supply Supervisor With Battery Backup Switch
logo
Microchip Technology
TC32M MICROCHIP-TC32M_13 Datasheet
155Kb / 14P
ECONOMONITOR????3-Pin System Supervisor with Power Supply Monitor and Watchdog
11/27/12 2001-2012
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com