Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC70EPA Datasheet(PDF) 3 Page - TelCom Semiconductor, Inc

Part # TC70EPA
Description  MICROMASTER - SYSTEM SUPERVISOR WITH POWER SUPPLY MONITOR, WATCHDOG AND BATTERY BACKUP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC70EPA Datasheet(HTML) 3 Page - TelCom Semiconductor, Inc

  TC70EPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC70EPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC70EPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC70EPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC70EPA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC70EPA Datasheet HTML 6Page - TelCom Semiconductor, Inc TC70EPA Datasheet HTML 7Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
5-9
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
ELECTRICAL CHARACTERISTICS: (Cont.)
DC: Battery Backup and Threshold Detector: TA = TMIN to TMAX, VCC = 4.5V to 5.5V, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
IOUT1
VCCO Output Current
VCC = 4.5V, VCCO = 3.5V
50
100
—
mA
IOUT2
VCCO Output Current in
VCCO = VBATT – 0.3V
500
—
—
µA
Battery Backup Mode
VBATT = 2.8V
VSW
Battery Switchover Threshold
—
VBATT – 0.01
—V
(VCC Falling)
VHYST
Battery Switchover Hysteresis
—
20
—
mV
VOHCEO
CEO Output Voltage in
VCC < VBATT – 0.2, VBATT = 2.8V
VBATT – 0.2
—
—
V
Battery Backup Mode
IOH = 10µA
VTDI
Threshold Detector Trip Voltage
1.2
—
1.4
V
ITDI
Threshold Detector Input Current
TA = 25°C
–25
—
+25
nA
VTDI (HYST)
Threshold Detector Hysteresis
—
10
—
mV
ELECTRICAL CHARACTERISTICS:
AC: Power Supply Monitor, EXT. RESET and Watchdog: TA = TMIN to TMAX, VCC = 4.5V to 5.5V, unless otherwise
specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
tPBH
PB Hold Time
Figure 4 (Note 4)
20
—
—
msec
tRST
Reset Active Time
Figure 6
500
—
900
msec
tST
RS STROBE Pulsewidth
Figure 3
500
—
—
nsec
tTD
Watchdog Timeout Period
Figure 3
500
700
900
msec
tRPD
VCC Detect to RS LOW
Figure 6
—
—
100
nsec
ELECTRICAL CHARACTERISTICS:
AC: Battery Backup and Threshold Detector: TA = TMIN to TMAX, VCC = 4.5V to 5.5V, unless otherwise specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
tPD
CE Propagational Delay
Figure 7
—
—
50
nsec
ELECTRICAL CHARACTERISTICS:
AC: TA = TMIN to TMAX.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
tF
VCC Fall Time From
Figure 5 (Note 1)
10
—
—
µsec
4.25V to 3.0V
tR
VCC Rise Time From
Figure 5 (Note 1)
0
—
—
µsec
3.0V to 4.25V
NOTES: 1. All voltages referenced to ground.
2. No output load.
3
Measured with VCCO and CEO open.
4. The RS output must be held low for a minimum of 20msec to guarantee a reset.
TC70/71
MICROMASTER™ – SYSTEM SUPERVISOR
WITH POWER SUPPLY MONITOR, WATCHDOG
AND BATTERY BACKUP



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com