Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7126IPL Datasheet(PDF) 1 Page - TelCom Semiconductor, Inc

Part # TC7126IPL
Description  3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7126IPL Datasheet(HTML) 1 Page - TelCom Semiconductor, Inc

  TC7126IPL Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7126IPL Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7126IPL Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7126IPL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7126IPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7126IPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7126IPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7126IPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7126IPL Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
3-217
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC7126
TC7126A
3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
FEATURES
s
Low Temperature Drift Internal Reference
TC7126 ....................................... 80 ppm/
°C Typ
TC7126A ..................................... 35 ppm/
°C Typ
s
Guaranteed Zero Reading With Zero Input
s
Low Noise .................................................... 15
µVP-P
s
High Resolution .............................................. 0.05%
s
Low Input Leakage Current ...................... 1 pA Typ
10 pA Max
s
Precision Null Detectors With True Polarity at
Zero
s
High-Impedance Differential Input
s
Convenient 9V Battery Operation With
Low Power Dissipation ........................ 500
µW Typ
900
µW Max
TYPICAL APPLICATIONS
s
Thermometry
s
Bridge Readouts: Strain Gauges, Load Cells, Null
Detectors
s
Digital Meters and Panel Meters
— Voltage/Current/Ohms/Power, pH
s
Digital Scales, Process Monitors
GENERAL DESCRIPTION
The TC7126A is a 3-1/2 digit CMOS analog-to-digital
converter (ADC) containing all the active components nec-
essary to construct a 0.05% resolution measurement sys-
tem. Seven-segment decoders, digit and polarity drivers,
voltage reference, and clock circuit are integrated on-chip.
The TC7126A directly drives a liquid crystal display (LCD),
and includes a backplane driver.
A low-cost, high-resolution indicating meter requires
only a display, four resistors, and four capacitors. The
TC7126A's extremely low power drain and 9V battery
operation make it ideal for portable applications.
The TC7126A reduces linearity error to less than 1
count. Roll-over error (the difference in readings for equal
magnitude but opposite polarity input signals) is below
±1
count. High-impedance differential inputs offer 1 pA leak-
age current and a 1012
Ω input impedance. The 15 µVP-P
noise performance guarantees a "rock solid" reading, and
the auto-zero cycle guarantees a zero display reading with
a 0V input.
The TC7126A features a precision, low-drift internal
voltage reference and is functionally identical to the TC7126.
A low-drift external reference is not normally required with
the TC7126A.
ORDERING INFORMATION
PART CODE
TC7126X X XXX
A or blank*
R (reversed pins) or blank (CPL pkg only)
* "A" parts have an improved reference TC
Package Code (see below):
Package
Temperature
Code
Package
Range
CKW
44-Pin PQFP
0
°C to +70°C
CLW
44-Pin PLCC
0
°C to +70°C
CPL
40-Pin PDIP
0
°C to +70°C
IPL
40-Pin PDIP (non-A only)
– 25
°C to +85°C
VREF
+
TC7126
TC7126A
33
34
240 k
Ω
10 k
Ω
31
29
39
38
40
VREF
–
0.33
µF
0.1 µF
V
–
1
OSC
3
OSC
2
OSC
TO ANALOG COMMON
(PIN 32)
1 CONVERSION/SEC
COSC
560 k
Ω
180 k
Ω
0.15 µF
0.01 µF
ANALOG
INPUT
+
–
CREF
–
CREF
+
VIN
+
VIN
–
ANALOG
COMMON
VINT
VBUFF
CAZ
20
21
1
SEGMENT
DRIVE
2–19
22–25
POL
BP
V
+
MINUS SIGN
BACKPLANE
28
50 pF
LCD
1 M
Ω
27
30
32
35
36
9V
+
ROSC
26
NOTE: Pin numbers refer to 40-pin DIP.
40-Pin Plastic DIP
44-Pin Plastic Quad Flat
Package Formed Leads
44-Pin Plastic Chip
Carrier PLCC
AVAILABLE PACKAGES
TYPICAL OPERATING CIRCUIT
TC7126/A-8 11/6/96


Similar Part No. - TC7126IPL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7126IPL MICROCHIP-TC7126IPL Datasheet
553Kb / 22P
3-1/2 Digit Analog-to-Digital Converters
2002
More results

Similar Description - TC7126IPL

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7116 TELCOM-TC7116 Datasheet
218Kb / 14P
3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS WITH HOLD
logo
Microchip Technology
TC7106 MICROCHIP-TC7106 Datasheet
623Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2002
TC7116 MICROCHIP-TC7116 Datasheet
549Kb / 22P
3-1/2 Digit Analog-to-Digital Converters with Hold
2002
TC7126 MICROCHIP-TC7126 Datasheet
553Kb / 22P
3-1/2 Digit Analog-to-Digital Converters
2002
TC7106 MICROCHIP-TC7106_06 Datasheet
534Kb / 32P
3-1/2 Digit Analog-to-Digital Converters
2006
TC7116 MICROCHIP-TC7116_06 Datasheet
425Kb / 24P
3-1/2 Digit Analog-to-Digital Converters with Hold
2006
TC7126 MICROCHIP-TC7126_06 Datasheet
429Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2006
TC7116 MICROCHIP-TC7116_13 Datasheet
322Kb / 26P
3-1/2 Digit Analog-to-Digital Converters with Hold
11/29/12
TC7126 MICROCHIP-TC7126_13 Datasheet
330Kb / 28P
3-1/2 Digit Analog-to-Digital Converters
11/29/12
TC7107RCPL MICROCHIP-TC7107RCPL Datasheet
411Kb / 34P
3-1/2 Digit Analog-to-Digital Converters
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com