Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7126IPL Datasheet(PDF) 13 Page - TelCom Semiconductor, Inc

Part # TC7126IPL
Description  3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7126IPL Datasheet(HTML) 13 Page - TelCom Semiconductor, Inc

Back Button TC7126IPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7126IPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7126IPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7126IPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7126IPL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC7126IPL Datasheet HTML 10Page - TelCom Semiconductor, Inc TC7126IPL Datasheet HTML 11Page - TelCom Semiconductor, Inc TC7126IPL Datasheet HTML 12Page - TelCom Semiconductor, Inc TC7126IPL Datasheet HTML 13Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
3-229
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
3-1/2 DIGIT
ANALOG-TO-DIGITAL CONVERTERS
TC7126
TC7126A
Figure 12. Temperature Sensor
Figure 13. Positive Temperature Coefficient Resistor
Temperature Sensor
Figure 14. Integrated Circuit Temperature Sensor
TC7126A
–
+
9V
V
+
2
6
8
3
NC
GND
4
TEMPERATURE
DEPENDENT OUTPUT
3
5
4
1
2
REF02
ADJ
VOUT
TEMP
CONSTANT 5V
51 k
Ω
1/2
LM358
VOUT =
1.86V @
+25°C
R1
50 k
Ω
50 k
Ω
R2
COMMON
VIN
–
VIN
+
VREF
–
VREF
+
V –
V
+
51 k
Ω
R4
R5
TC7126A
V
+
V
–
VIN
–
VIN
+
VREF
+
VREF
–
COMMON
5.6 k
Ω
160 k
Ω
R2
20 k
Ω
1N4148
9V
R1
20 k
Ω
+
R3
0.7%/°C
PTC
TC7126A
V
+
V
–
VIN
–
VIN
+
VREF
+
VREF
–
COMMON
50 k
Ω
R2
160 k
Ω
300 k
Ω
300 k
Ω
R1
50 k
Ω
1N4148
SENSOR
9V
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com