Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS216 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAS216
Description  HIGH-SPEED SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAS216 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAS216 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAS216 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
cathode
idenfifier
SOD110
Unit: mm
HIGH-SPEED SWITCHING DIODE
BAS216
Features
Small ceramic SMD package
High switching speed:max. 4 ns
Continuous reverse voltage:max.75V
Repetitive peak reverse voltage:max.85V
Repetitive peak forward current:max. 500 mA.
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Conditions
Min
Max
Unit
Continuous peak reverse voltage
VRRM
85
V
Continuous reverse voltage
VR
75
V
Continuous forward current
IF
Note 1
250
mA
Repetitive peak forward current
IFSM
500
mA
square wave; Tj =25
prior to surge;
t= 1
A
4
t= 1 ms
1
t= 1 s
0.5
Total power dissipation
Ptot
Tamb = 25
;note 1
400
mW
Storage temperature
Tstg
-65
+150
Junction temperature
Tj
150
Note
1. Device mounted on an FR4 printed-circuit board.
A
IFSM
Non-repetitive peak forwrad current


Similar Part No. - BAS216

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS216 PHILIPS-BAS216 Datasheet
59Kb / 12P
High-speed switching diode
1999 Apr 22
BAS216 NXP-BAS216 Datasheet
125Kb / 9P
High-speed switching diode
2002 May 28
logo
Shenzhen Luguang Electr...
BAS216 LUGUANG-BAS216 Datasheet
343Kb / 3P
Switching Diodes
logo
SHENZHEN YONGERJIA INDU...
BAS216 WINNERJOIN-BAS216 Datasheet
127Kb / 2P
200mW SOD-323 SURFACE MOUNT
logo
SEMTECH ELECTRONICS LTD...
BAS216WS SEMTECH_ELEC-BAS216WS Datasheet
319Kb / 3P
High Speed Switching Diode
More results

Similar Description - BAS216

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com