Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7136ACPL Datasheet(PDF) 10 Page - TelCom Semiconductor, Inc

Part # TC7136ACPL
Description  LOW POWER, 3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7136ACPL Datasheet(HTML) 10 Page - TelCom Semiconductor, Inc

Back Button TC7136ACPL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7136ACPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7136ACPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7136ACPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7136ACPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7136ACPL Datasheet HTML 9Page - TelCom Semiconductor, Inc TC7136ACPL Datasheet HTML 10Page - TelCom Semiconductor, Inc TC7136ACPL Datasheet HTML 11Page - TelCom Semiconductor, Inc TC7136ACPL Datasheet HTML 12Page - TelCom Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
3-256
TELCOM SEMICONDUCTOR, INC.
Figure 7. Common-Mode Voltage Removed in Battery Operation With VIN = Analog Common
In systems where common-mode voltages exist, the
86 dB common-mode rejection ratio minimizes error. Com-
mon-mode voltages do, however, affect the integrator out-
put level. A worst-case condition exists if a large positive
VCM exists in conjunction with a full-scale negative differ-
ential signal. The negative signal drives the integrator
output positive along with VCM (see Figure 8.) For such
applications, the integrator output swing can be reduced
below the recommended 2V full-scale swing. The integra-
tor output will swing within 0.3V of V+ or V– without in-
creased linearity error.
Differential Reference
V
+
REF (Pin 36), V
–
REF (Pin 35)
The reference voltage can be generated anywhere
within the V+ to V– power supply range.
To prevent roll-over type errors being induced by large
common-mode voltages, CREF should be large compared to
stray node capacitance.
The TC7136/A offers a significantly improved analog
common temperature coefficient. This potential provides a
very stable voltage, suitable for use as a voltage reference.
The temperature coefficient of analog common is typically
35 ppm/
°C.
ANALOG COMMON (Pin 32)
The analog common pin is set at a voltage potential
approximately 3V below V+. The potential is guaranteed to
be between 2.7V and 3.35V below V+. Analog common is
tied internally to an N-channel FET capable of sinking
100
µA. This FET will hold the common line at 3V below V+
if an external load attempts to pull the common line toward
V+. Analog common source current is limited to 1
µA. Analog
common is therefore easily pulled to a more negative
voltage (i.e., below V+ – 3V).
The TC7136/A connects the internal VIN
+ and VIN– in-
puts to analog common during the auto-zero phase. During
the reference-integrate phase, VIN
–
is connected to analog
common. If VIN
– is not externally connected to analog com-
mon, a common-mode voltage exists, but is rejected by the
converter's 86 dB common-mode rejection ratio. In battery
operation, analog common and VIN
– are usually connected,
removing common-mode voltage concerns. In systems where
VIN
– is connected to the power supply ground or to a given
voltage, analog common should be connected to V
–
IN
The analog common pin serves to set the analog sec-
tion reference, or common point. The TC7136A is specifi-
cally designed to operate from a battery or in any measure-
ment system where input signals are not referenced (float)
with respect to the TC7136A power source. The analog
common potential of V+ –3V gives a 7V end of battery life
voltage. The common potential has a 0.001%/% voltage
coefficient.
With sufficiently high total supply voltage (V+–V– >7V),
Figure 8. Common-Mode Voltage Reduces Available Integrator
Swing (VCOM
≠ V
IN)
VBUF
CAZ VINT
BP
POL
SEGMENT
DRIVE
OSC1
OSC3
OSC2
V
–
V
+
VREF
+
VREF
–
ANALOG
COMMON
V
–
V
+
V
–
V
+
GND
GND
MEASURED
SYSTEM
POWER
SOURCE
9V
LCD
TC7136
TC7136A
+
V
–
V
+
RI
+
–
VIN
V
C I
INTEGRATOR
VI =
[
[
VCM
VIN
–
INPUT
BUFFER
CI =
=
RI
Integration capacitor
Integration resistor
4000
f
Integration time
T I ==
Where:
VI
CM
OSC
–
+
–
+
TI
RI CI
TC7136
TC7136A
LOW POWER, 3-1/2 DIGIT
ANALOG-TO-DIGITAL CONVERTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com