Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7136ACPL Datasheet(PDF) 2 Page - TelCom Semiconductor, Inc

Part # TC7136ACPL
Description  LOW POWER, 3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC7136ACPL Datasheet(HTML) 2 Page - TelCom Semiconductor, Inc

  TC7136ACPL Datasheet HTML 1Page - TelCom Semiconductor, Inc TC7136ACPL Datasheet HTML 2Page - TelCom Semiconductor, Inc TC7136ACPL Datasheet HTML 3Page - TelCom Semiconductor, Inc TC7136ACPL Datasheet HTML 4Page - TelCom Semiconductor, Inc TC7136ACPL Datasheet HTML 5Page - TelCom Semiconductor, Inc TC7136ACPL Datasheet HTML 6Page - TelCom Semiconductor, Inc TC7136ACPL Datasheet HTML 7Page - TelCom Semiconductor, Inc TC7136ACPL Datasheet HTML 8Page - TelCom Semiconductor, Inc TC7136ACPL Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
3-248
TELCOM SEMICONDUCTOR, INC.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage (V+ to V–) ............................................ 15V
Analog Input Voltage (Either Input) (Note 1) ........ V+ to V–
Reference Input Voltage (Either Input) ................. V+ to V–
Clock Input ...................................................... TEST to V+
Package Power Dissipation (TA ≤ 70°C) (Note 2)
Plastic DIP ........................................................ 1.23W
Plastic Quad Flat Package ............................... 1.00W
PLCC ................................................................1.23W
Operating Temperature Range
C Devices .............................................. 0
°C to +70°C
I Devices ............................................ –25
°C to +85°C
Storage Temperature Range ................. –65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
*Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operational sections of the specifications is not implied.
Exposure to Absolute Maximum Rating Conditions for extended periods
may affect device reliability.
ELECTRICAL CHARACTERISTICS: VS = 9V, fCLK = 16 kHz, and TA = +25°C, unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Input
Zero Input Reading
VIN = 0V
– 000.0
±000.0
+000.0
Digital
Full Scale = 200 mV
Reading
Zero Reading Drift
VIN = 0V, 0°C ≤ TA ≤ +70°C
—
0.2
1
µV/°C
Ratiometric Reading
VIN = VREF, VREF = 100 mV
999
999/1000
1000
Digital
Reading
NL
Nonlinearity Error
Full Scale = 200 mV or 2V
– 1
±0.2
1
Count
Max Deviation From Best
Straight Line
Roll-Over Error
–VIN = +VIN ≈ 200 mV
– 1
±0.2
1 Count
eN
Noise
VIN = 0V, Full Scale = 200 mV
—
15
—
µVP-P
IL
Input Leakage Current
VIN = 0V
—
1
10
pA
CMRR
Common-Mode Rejection
VCM = ±1V, VIN = 0V,
—
50
—
µV/V
Ratio
Full Scale = 200 mV
Scale Factor Temperature
VIN = 199 mV, 0°C ≤ TA ≤ +70°C
—
1
5
ppm/
°C
Coefficient
Ext Ref Temp Coeff = 0 ppm/
°C
Analog Common
VCTC
Analog Common
250 k
Ω Between Common and V+
Temperature Coefficient
0
°C ≤ TA ≤ +70°C
TC7136A
—
35
75
ppm/
°C
"C" Commercial Temp
TC7136
—
70
150
ppm/
°C
Range Devices
– 25
°C ≤ TA ≤ +85°C
TC7136A
—
35
100
ppm/
°C
"I" Industrial Temp
TC7136
—
70
150
ppm/
°C
Range Devices
VC
Analog Common Voltage
250 kW Between Common and V+
2.7
3.05
3.35
V
LCD Drive
VSD
LCD Segment Drive Voltage
V+ to V– = 9V
4
5
6
VP-P
VBD
LCD Backplane Drive Voltage
V+ to V– = 9V
4
5
6
VP-P
Power Supply
IS
Power Supply Current
VIN = 0V, V+ to V– = 9V (Note 6)
—
70
100
µA
NOTES: 1. Input voltages may exceed supply voltages when input current is limited to 100
µA.
2. Dissipation rating assumes device is mounted with all leads soldered to PC board.
3. Refer to "Differential Input" discussion.
4. Backplane drive is in-phase with segment drive for "OFF" segment and 180
° out-of-phase for "ON" segment. Frequency is 20 times
conversion rate. Average DC component is less than 50 mV.
5. See "Typical Operating Circuit".
6. A 48 kHz oscillator increases current by 20
µA (typical). Common current not included.
TC7136
TC7136A
LOW POWER, 3-1/2 DIGIT
ANALOG-TO-DIGITAL CONVERTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com