Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC820 Datasheet(PDF) 13 Page - TelCom Semiconductor, Inc

Part # TC820
Description  3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC820 Datasheet(HTML) 13 Page - TelCom Semiconductor, Inc

Back Button TC820 Datasheet HTML 9Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 10Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 11Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 12Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 13Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 14Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 15Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 16Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 17Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
3-161
TELCOM SEMICONDUCTOR, INC.
7
6
5
4
3
1
2
8
TC820
3-3/4 A/D CONVERTER WITH
FREQUENCY COUNTER
AND LOGIC PROBE
To prevent roll-over-type errors from being induced by
large common-mode voltages, CREF should be large com-
pared to stray node capacitance. A 0.1
µF capacitor is
typical.
The TC820 offers a significantly improved analog
common temperature coefficient, providing a very stable
voltage suitable for use as a voltage reference. The
temperature coefficient of analog common is typically
35ppm/
°C.
Figure 7. LCD During Logic Probe Operation
HIGH
LOW
*
**
"HIGH" ANNUNCIATOR WILL BE ON WHEN DP1/HI =
LOGIC HIGH
"LOW" ANNUNCIATOR AND BUZZER WILL BE ON
WHEN DP0/LO = LOGIC HIGH
**
*
Analog Common
The analog common pin is set at a voltage potential
approximately 3.3V below VDD. This potential is guaranteed
to be between 3.15V and 3.45V below VDD. Analog common
is tied internally to an N-channel FET capable of sinking
3mA. This FET will hold the common line at 3.3V below VDD
should an external load attempt to pull the common line
toward VDD. Analog common source current is limited to
12
µA, and is therefore easily pulled to a more negative
voltage (i.e., below VDD – 3.3V).
The TC820 connects the internal V
+
IN and V
–
IN inputs to
analog common during the auto-zero cycle. During the
reference integrate phase, V
–
IN is connected to analog
common. If V
–
IN is not externally connected to analog common,
a common-mode voltage exists. This is rejected by the
converter's 86dB common-mode rejection ratio. In battery-
powered applications, analog common and V
–
IN are usually
connected, removing common-mode voltage concerns. In
systems where V
–
IN is connected to the power supply ground
or to a given voltage, analog common should be connected
to V
–
IN.
The analog common pin serves to set the analog section
reference or common point. The TC820 is specifically
designed to operate from a battery or in any measurement
TC820
GND
GND
V
+
V
–
V
+
V
–
MEASURED
SYSTEM
POWER
SOURCE
9V
VIN
VDD
VSS
V
+
REF
V
–
REF
+
VIN
–
VBUF
CAZ
BP1
INT
V
BP3
BP2
OSC1
OSC2
OSC3 NC
SEGMENT
DRIVE
LCD
ANALOG
COMMON
+
Figure 8. Common-Mode Voltage Removed in Battery Operation With V
–
IN = Analog Common



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com