Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC820 Datasheet(PDF) 16 Page - TelCom Semiconductor, Inc

Part # TC820
Description  3-3/4 DIGIT A/D CONVERTER WITH FREQUENCY COUNTER AND LOGIC PROBE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELCOM [TelCom Semiconductor, Inc]
Direct Link  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC820 Datasheet(HTML) 16 Page - TelCom Semiconductor, Inc

Back Button TC820 Datasheet HTML 12Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 13Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 14Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 15Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 16Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 17Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 18Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 19Page - TelCom Semiconductor, Inc TC820 Datasheet HTML 20Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
3-164
TELCOM SEMICONDUCTOR, INC.
3-3/4 A/D CONVERTER WITH
FREQUENCY COUNTER
AND LOGIC PROBE
TC820
Digital Ground (DGND)
Digital ground is generated from an internal zener diode
(Figure 14). The voltage between VDD and DGND is the
internal supply voltage for the digital section of the TC820.
DGND will sink a minimum of 3mA.
DGND establishes the low logic level reference for the
TC820 mode select inputs, and for the frequency and logic
probe inputs. The DGND pin can be used as the negative
supply for external logic gates, such as the logic probe
buffers. To ensure correct counter operation at high fre-
quency, connect a 1
µF capacitor from DGND to VDD.
DGND also provides the drive voltage for the LCD. The
TC820 40-pin package internally connects the LCD VDISP
pin to DGND, and provides an LCD drive voltage of about
5VP-P. In the 44-pin package, connecting the VDISP pin to
DGND will provide a 5V LCD drive voltage.
Digital Input Logic Levels
Logic levels for the TC820 digital inputs are referenced
to VDD and DGND. The high-level threshold is VDD – 1.5V
and the low logic level is DGND +1.5V. In most cases,
digital inputs will be connected directly to VDD with a
mechanical switch. CMOS gates can also be used to
control the logic inputs, as shown in the logic probe inputs
section.
Figure 13. Powering the TC820 From a Low-Voltage Battery
VDISP
The VDISP input sets the peak-to-peak LCD drive volt-
age. In the 40-pin package, VDISP is connected internally to
DGND, providing a typical LCD drive voltage of 5 VP-P. The
44-pin package includes a separate VDISP input for applica-
tions requiring a variable or temperature-compensated LCD
drive voltage. See the applications information for sug-
gested circuits.
APPLICATIONS INFORMATION
Power Supplies
The TC820 is designed to operate from a single power
supply such as a 9V battery (Figure 12). The converter will
operate over a range of 7V to 15V. For battery operation,
analog common (COM) provides a common-mode bias
voltage (see analog common discussion in the theory of
operation section). However, measurements cannot be
referenced to battery ground. To do so will exceed the
negative common-mode voltage limit.
A battery with voltage between 3.5V and 7V can be used
to power the TC820, when used with a voltage doubler, as
shown in Figure 13. The voltage doubler uses the TC7660
and two external capacitors. With this configuration mea-
surements can be referenced either to Analog Common or
to battery ground.
Figure 12. Powering the TC820 From a Single 9V Battery
TC820
VIN
V –
REF
VDD
V
+
REF
COM
V
+
IN
V –
IN
VSS
+
–
9V
+
–
VDD
V
SS
V
+
REF
V
–
REF
TC820
3.5V to 6V
TC7660
TC04
V
IN
V
IN
+
–
+
–
V
IN
10
µF
3
4
2
8
5
10
µF
+
+
+
COM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com