Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1994CDD Datasheet(PDF) 13 Page - Linear Technology

Part # LT1994CDD
Description  Low Noise, Low Distortion Fully Differential Input/Output Amplifi er/Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1994CDD Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1994CDD Datasheet HTML 9Page - Linear Technology LT1994CDD Datasheet HTML 10Page - Linear Technology LT1994CDD Datasheet HTML 11Page - Linear Technology LT1994CDD Datasheet HTML 12Page - Linear Technology LT1994CDD Datasheet HTML 13Page - Linear Technology LT1994CDD Datasheet HTML 14Page - Linear Technology LT1994CDD Datasheet HTML 15Page - Linear Technology LT1994CDD Datasheet HTML 16Page - Linear Technology LT1994CDD Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LT1994
13
1994fa
With singled ended inputs, there is an input signal com-
ponent to the input common mode voltage. Applying only
VINP (setting VINM to zero), the input common voltage is
approximately:
V
VV
V
R
RR
V
R
RR
VR
RR
ICM
IN
IN
OCM
I
IF
CM
F
FI
INP
F
FI
=
+
≈
+
⎛
⎝⎜
⎞
⎠⎟
+
+
⎛
⎝⎜
⎞
⎠⎟
+
+
⎛
⎝⎜
⎞
⎠⎟
+
–
•
••
2
2
Output Common Mode Voltage Range
The output common mode voltage is defined as the aver-
age of the two outputs:
VV
VV
OUTCM
OCM
OUT
OUT
==
+
+
–
2
The VOCM sets this average by an internal common mode
feedback loop which internally forces VOUT
+ = –V
OUT
–. The
output common mode range extends from approximately
1.1V above V– to approximately 0.8V below V+. The VOCM
pin sits in the middle of an 80kΩ to 80kΩ voltage divider
that sets the default mid-supply open circuit potential.
In single supply applications, where the LT1994 is used
to interface to an ADC, the optimal common mode input
range to the ADC is often determined by the ADC’s refer-
ence. If the ADC makes a reference available for setting
the input common mode voltage, it can be directly tied
to the VOCM pin, but must be capable of driving a 40kΩ
equivalent resistance that is tied to a mid-supply potential.
If an external reference drives the VOCM pin, it should still
be bypassed with a high quality 0.1μF capacitor to a low
impedance ground plane to filter any thermal noise and
to prevent common mode signals on this pin from being
inadvertently converted to differential signals.
Noise Considerations
The LT1994’s input referred voltage noise is on the order
of 3nV/√Hz. Its input referred current noise is on the
order of 2.5pA/√Hz. In addition to the noise generated
by the amplifier, the surrounding feedback resistors also
contribute noise. The output noise generated by both the
amplifier and the feedback components is given by the
equation:
e
e
R
R
IR
e
R
R
e
no
ni
F
I
nF
nRI
F
I
nRF
=
+
⎡
⎣⎢
⎤
⎦⎥
⎛
⎝⎜
⎞
⎠⎟
+
() +
⎡
⎣⎢
⎤
⎦⎥
⎛
⎝⎜
⎞
⎠⎟
+
••
•
••
•
12
22
2
2
2
2
A plot of this equation and a plot of the noise generated
by the feedback components are shown in Figure 6.
The LT1994’s input referred voltage noise contributes the
equivalent noise of a 560Ω resistor. When the feedback
APPLICATIO S I FOR ATIO
Figure 4. Circuit for Common Mode Range
VCM
1994 F04
RI
RF
RL
VS
VSHDNB
VINM
VINP
+
–
–
+
3
7
6
8
1
2
5
4
LT1994
VOCM
VOCM
VOUT
+
VIN
–
VOUT
–
VIN
+
0.1
µF
RI
RF
RL
SHDN
Figure 5. Noise Analysis
1994 F05
RI2
RF2
VS/2
–VS/2
+
–
–
+
3
7
6
8
1
2
5
4
LT1994
VOCM
enRI2
2
RI1
RF1
encm
2
eno
2
in–
2
enRI1
2
eni
2
enRF2
2
enRF1
2
in+
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com